Electronic Components Datasheet Search
  English  ▼

X  

CMD284 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # CMD284
Description  DC-22 GHz Distributed Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD284 Datasheet(HTML) 2 Page - Qorvo, Inc

  CMD284 Datasheet HTML 1Page - Qorvo, Inc CMD284 Datasheet HTML 2Page - Qorvo, Inc CMD284 Datasheet HTML 3Page - Qorvo, Inc CMD284 Datasheet HTML 4Page - Qorvo, Inc CMD284 Datasheet HTML 5Page - Qorvo, Inc CMD284 Datasheet HTML 6Page - Qorvo, Inc CMD284 Datasheet HTML 7Page - Qorvo, Inc CMD284 Datasheet HTML 8Page - Qorvo, Inc CMD284 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CMD284
DC-22 GHz Distributed Amplifier
Data Sheet | August 23, 2021 | Subject to change without notice
2 of 15
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Drain Voltage, Vdd
9 V
Gate Voltage, Vgg
4.5 V
RF Input Power
+20 dBm
Channel Temperature, Tch
150° C
Power Dissipation, Pdiss
1.45 W
Thermal Resistance, QJC
44.9° C/W
Operating Temperature
-55 to 85° C
Storage Temperature
-55 to 150° C
Exceeding any one or combination of the maximum ratings may cause
permanent damage to the device.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Vdd
5.0
8.0
8.5
V
Idd
108
mA
Vgg
0
3.0
4.0
V
Igg
1.2
mA
Electrical performance is measured at specific test conditions.
Electrical specifications are not guaranteed over all recommended
operating conditions.
Electrical Specifications (Vdd = 8.0 V, Vgg = 3.0 V, TA = 25o C)
)
)
)
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
DC - 10
10 - 22
GHz
Gain
13.5
17
14
17.5
dB
Noise Figure
3
3.5
dB
Input Return Loss
13
15
dB
Output Return Loss
25
15
dB
Output P1dB
15
18.5
14
18
dBm
Output IP3
29
26
dBm
Supply Current
75
108
140
75
108
140
mA
Gain Temperature Coefficient
0.011
0.018
dB/°C
Noise Figure Temperature Coefficient
0.008
0.012
dB/°C
Drain Current vs. Drain Voltage
Vdd (V)
Idd (mA)
5.0
95
8.0
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com