Electronic Components Datasheet Search
  English  ▼

X  

CMD284 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # CMD284
Description  DC-22 GHz Distributed Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD284 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button CMD284 Datasheet HTML 7Page - Qorvo, Inc CMD284 Datasheet HTML 8Page - Qorvo, Inc CMD284 Datasheet HTML 9Page - Qorvo, Inc CMD284 Datasheet HTML 10Page - Qorvo, Inc CMD284 Datasheet HTML 11Page - Qorvo, Inc CMD284 Datasheet HTML 12Page - Qorvo, Inc CMD284 Datasheet HTML 13Page - Qorvo, Inc CMD284 Datasheet HTML 14Page - Qorvo, Inc CMD284 Datasheet HTML 15Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CMD284
DC-22 GHz Distributed Amplifier
Data Sheet | August 23, 2021 | Subject to change without notice
13 of 15
www.qorvo.com
®
Applications Information
Application Circuit
Note: Drain voltage (Vdd) must be applied through a broadband bias tee or external bias network.
Biasing and Operation
The CMD284 is biased with a positive drain supply and positive gate supply. Performance is optimized when the drain
voltage is set to +8.0 V. The recommended gate voltage is +3.0 V.
Turn ON procedure:
1.
Apply drain voltage Vdd and set to +8 V
2.
Apply gate voltage Vgg and set to +3 V
Turn OFF procedure:
1.
Turn off gate voltage Vgg
2.
Turn off drain voltage Vdd
The preferred biasing procedure has been proven to be robust and should be used whenever possible. However, the
CMD284 does allow for simultaneous biasing (applying Vdd and Vgg at the same time).
Refer to Application Note 103: Amplifier Biasing Techniques for instructions.
1
2
3
5
6
7
Vgg
0.1 uF
0.1 uF
0.1 uF
100 pF
4
Vdd
RF out
RF in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com