Electronic Components Datasheet Search
  English  ▼

X  

MAX4166ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4166ESA
Description  High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4166ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4166ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
_______________________________________________________________________________________ 7
0.05
0
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
AND NOISE vs. FREQUENCY
0.01
FREQUENCY (Hz)
0.02
0.03
0.04
VOUT = 2Vp-p
500kHz LOWPASS FILTER
RL = 10kΩ TO VCC / 2
1
0.001
4.0
4.6
4.8
5.0
TOTAL HARMONIC DISTORTION AND NOISE
vs. PEAK-TO-PEAK OUTPUT VOLTAGE
0.01
0.1
PEAK-TO-PEAK OUTPUT (V)
4.2
4.4
RL = 250Ω
RL = 2kΩ
RL = 100kΩ
RL = 25Ω
f = 10kHz
RL to VCC / 2
IN
(50mV/div)
OUT
(50mV/div)
SMALL-SIGNAL TRANSIENT RESPONSE
(NONINVERTING)
MAX4165-20
TIME (500ns/div)
AVCL = +1V/V
130
80
1k
100k
1M
10k
10M
CHANNEL-TO-CHANNEL ISOLATION
vs. FREQUENCY
90
85
FREQUENCY (Hz)
100
95
110
105
120
125
115
IN
(50mV/div)
OUT
(50mV/div)
SMALL-SIGNAL TRANSIENT RESPONSE
(INVERTING)
MAX4165-21
TIME (500ns/div)
AVCL = -1V/V
IN
(2V/div)
OUT
(2V/div)
LARGE-SIGNAL TRANSIENT RESPONSE
(NONINVERTING)
MAX4165-22
TIME (5
µs/div)
AVCL = +1V/V
IN
(2V/div)
OUT
(2V/div)
LARGE-SIGNAL TRANSIENT RESPONSE
(INVERTING)
MAX4165-23
TIME (5
µs/div)
AVCL = -1V/V
300
0
50
-40
100
OUTPUT VOLTAGE HIGH
vs. TEMPERATURE
250
TEMPERATURE (°C)
-20
0
20
40
60
80
200
150
100
VCC = +6.5V, RL = 100Ω
VCC = +2.7V, RL = 100Ω
VCC = +6.5V OR + 2.7V, RL = 100kΩ
RL to VEE
____________________________Typical Operating Characteristics (continued)
(VCC = +5.0V, VEE = 0V, RL = 100kΩ, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com