Electronic Components Datasheet Search
  English  ▼

X  

MAX4166ESA Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4166ESA
Description  High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4166ESA Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4166ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
______________________________________________________________________________________
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
Pin Configurations (continued)
OUT
N.C.
VEE
1
2
8
7
SHDN
VCC
IN-
IN+
N.C.
DIP/SO/
μMAX
TOP VIEW
3
4
6
5
MAX4166
IN2-
IN2+
VEE
1
2
8
7
VCC
OUT2
IN1-
IN1+
OUT1
DIP/SO
3
4
6
5
MAX4167
1
2
3
4
5
10
9
8
7
6
VCC
OUT2
IN2-
IN2+
VEE
IN1+
IN1-
OUT1
MAX4168
μMAX
SHDN2
SHDN1
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
OUT2
IN2-
IN2+
VEE
IN1+
IN1-
OUT1
MAX4168
N.C.
SHDN2
N.C.
N.C.
SHDN1
N.C.
DIP/SO
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUT4
IN4-
IN4+
VEE
VCC
IN1+
IN1-
OUT1
MAX4169
IN3+
IN3-
OUT3
OUT2
IN2-
IN2+
DIP/SO
μDFN
(2mm x 2mm x 0.8mm)
N.C.
VCC
OUT
1
2
SHDN
N.C.
IN-
VEE
IN+
3
4
MAX4166
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com