Electronic Components Datasheet Search
  English  ▼

X  

MAX4166ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4166ESA
Description  High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4166ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4166ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
10
______________________________________________________________________________________
Single-Supply Speaker Driver
The MAX4165/MAX4166 can be used as a single-sup-
ply speaker driver, as shown in the
Typical Operating
Circuit. Capacitor C1 is used for blocking DC (a 0.1µF
ceramic capacitor can be used). When choosing resis-
tors R3 and R4, take into consideration the input bias
current as well as how much supply current can be tol-
erated. Choose resistors R1 and R2 according to the
amount of gain and current desired. Capacitor C3
ensures unity gain for DC. A 10µF electrolytic capacitor
is suitable for most applications. The coupling capaci-
tor C2 sets a low-frequency pole and is fairly large in
value. For a 32
Ω load, a 100µF coupling capacitor
gives a low-frequency pole at 50Hz. The low-frequency
pole can be set according to the following equation:
ƒ = 1 / 2π (RLC2)
Bridge Amplifier
The circuit shown in Figure 3 uses a dual MAX4167/
MAX4168 to implement a 3V, 200mW amplifier suitable
for use in size-constrained applications. This configura-
tion eliminates the need for the large coupling capaci-
tor required by the single op-amp speaker driver when
single-supply operation is a must. Voltage gain is set to
+10V/V; however, it can be changed by adjusting the
900k
Ω resistor value. DC voltage at the speaker is limit-
ed to 10mV. The 47
Ω and 0.1µF capacitors across the
speaker maintain a low impedance at the load as fre-
quency increases.
Rail-to-Rail Input Stage
Devices in the MAX4165–MAX4169 family of high-out-
put-current amplifiers have rail-to-rail input and output
stages designed for low-voltage, single-supply opera-
tion. The input stage consists of separate NPN and
PNP differential stages that combine to provide an
input common-mode range that extends 0.25V beyond
the supply rails. The PNP stage is active for input volt-
ages close to the negative rail, and the NPN stage is
active for input voltages near the positive rail. The
switchover transition region, which occurs near VCC / 2,
has been extended to minimize the slight degradation
in common-mode rejection ratio caused by mismatch of
the input pairs.
VCC = +3V
900k
VCC = +3V
VCC = +3V
47
Ω
4.7k
4.7k
0.1
µF
1
µF
0.1
µF
INPUT
0.25Vp-p
32
Ω
100k
100k
100k
100k
100k
100k
1/2 MAX4167
1/2 MAX4168
1/2 MAX4167
1/2 MAX4168
Figure 3. Dual MAX4167/MAX4168 Bridge Amplifier for
200mW at 3V
R3
R3 = R1
R2
R1
R2
MAX4165
MAX4166
MAX4167
MAX4168
MAX4169
Figure 4. Reducing Offset Error Due to Bias Current
(Noninverting)
R3
R3 = R1
R2
R1
R2
MAX4165
MAX4166
MAX4167
MAX4168
MAX4169
Figure 5. Reducing Offset Error Due to Bias Current (Inverting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com