Electronic Components Datasheet Search
  English  ▼

X  

MAX4166ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4166ESA
Description  High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4166ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4166ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL = 100k
Ω to (VCC / 2), VSHDN ≥ 2V, TA = +25°C, unless otherwise
noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ....................................................7V
IN_+, IN_-,
SHDN_............................(VEE - 0.3V) + (VCC + 0.3V)
OUT_ (shutdown mode) ...................(VEE - 0.3V) + (VCC + 0.3V)
Output Short-Circuit Duration to VCC or VEE (Note 1) .....Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.10mW/°C above +70°C)..........571mW
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin µMAX (derate 4.10mW/°C above +70°C) ...........330mW
8-Pin µDFN (derate 4.8mW/°C above +70°C) .............380mW
10-Pin µMAX (derate 5.60mW/°C above +70°C) ..........444mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C) 800mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX416_EPA/EPD
0.25
0.85
mV
MAX416_ESA/ESD
0.25
0.85
Input Offset Voltage
VOS
VCM = VEE to VCC
MAX416_EUA/EUB/ELA
0.35
1.7
MAX416_EUK
0.35
1.5
MAX4169E_D
0.25
1.0
Input Bias Current
IB
VCM = VEE to VCC
±50
±150
nA
Input Offset Current
IOS
VCM = VEE to VCC
±1
±15
nA
Differential Input Resistance
RIN(DIFF)
| VIN+ - VIN- | 1.8V
k
Ω
| VIN+ - VIN- | > 1.8V
2
Common-Mode Input
Voltage Range
VCM
Inferred from CMRR test
VEE - 0.25
VCC + 0.25
V
MAX416_EPA/EPD
72
93
dB
Common-Mode
Rejection Ratio
CMRR
VEE - 0.25V <
VCM < (VCC + 0.25V)
MAX416_ESA/ESD
72
93
MAX416_EUA/EUB/ELA
62
89
MAX416_EUK
63
90
MAX4169E_D
71
93
MAX416_EPA/EP
D
72
88
dB
MAX416_ESA/ESD
72
88
Power-Supply Rejection Ratio
PSRR
VCC = 2.7V to 6.5V
MAX416_EUA/EUB/ELA
72
86
MAX416_EUK
72
86
MAX4169E_D
70
88
Output Resistance
ROUT
AVCL = +1V/V
0.1
Off-Leakage Current
in Shutdown
IOUT(SHDN) VSHDN < 0.8V, VOUT = 0V to VCC
±0.001
±2
μA
Large-Signal Voltage Gain
AVOL
VCC = 5V
VOUT = 0.2V to 4.8V, RL = 100k
95
120
dB
VOUT = 0.6V to 4.4V, RL = 25
71
83
≤
Ω
Ω
kΩ
500
Note 1: Continuous power dissipation should also be observed.
2
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com