Electronic Components Datasheet Search
  English  ▼

X  

MIC4420YN Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC4420YN
Description  6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4420YN Datasheet(HTML) 3 Page - Microchip Technology

  MIC4420YN Datasheet HTML 1Page - Microchip Technology MIC4420YN Datasheet HTML 2Page - Microchip Technology MIC4420YN Datasheet HTML 3Page - Microchip Technology MIC4420YN Datasheet HTML 4Page - Microchip Technology MIC4420YN Datasheet HTML 5Page - Microchip Technology MIC4420YN Datasheet HTML 6Page - Microchip Technology MIC4420YN Datasheet HTML 7Page - Microchip Technology MIC4420YN Datasheet HTML 8Page - Microchip Technology MIC4420YN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20006092B-page 3
MIC4420/9
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage ..........................................................................................................................................................+20V
Input Voltage ............................................................................................................................. VS + 0.3V to GND – 5.0V
Input Current (VIN > VS)..........................................................................................................................................50 mA
Power Dissipation (TA ≤ 25°C)
PDIP.....................................................................................................................................................................960 mW
SOIC ..................................................................................................................................................................1040 mW
5-Lead TO-220.............................................................................................................................................................2W
Power Dissipation (TC ≤ 25°C)
5-Lead TO-220........................................................................................................................................................12.5W
Derating Factors (to Ambient)
PDIP.................................................................................................................................................................7.7 mW/°C
SOIC ................................................................................................................................................................8.3 mW/°C
5-Lead TO-220..................................................................................................................................................17 mW/°C
Operating Ratings ‡
Supply Voltage ........................................................................................................................................... +4.5V to +18V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: TA = +25°C with 4.5V ≤ VS ≤ 18V, unless otherwise specified. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
INPUT
Logic 1 Input Voltage
VIH
2.4
1.4
—
V
—
Logic 0 Input Voltage
VIL
—
1.1
0.8
V
—
Input Voltage Range
VIN
–5
—
VS + 0.3
V
—
Input Current
IIN
–10
—
10
µA
0V ≤ VIN ≤ VS
OUTPUT
Output High Voltage
VOH
VS –
0.025
—
—
V
See Figure 1-1
Output Low Voltage
VOL
—
—
0.025
V
See Figure 1-1
Output Resistance, Output
Low
ROL
—
1.7
2.8
Ω
IOUT = 10 mA, VS = 18V
Output Resistance, Output
High
ROH
—
1.5
2.5
Ω
IOUT = 10 mA, VS = 18V
Peak Output Current
IPK
—
6
—
A
VS = 18V (See Figure 4-3)
Latch-Up Protection
Withstand Reverse Current
IR
>500
—
—
mA
—
SWITCHING TIME (Note 2)
Rise Time
tR
—
12
35
ns
Figure 1-1, CL = 2500 pF
Fall Time
tF
—
13
35
ns
Figure 1-1, CL = 2500 pF
Delay Time 1
tD1
—
18
75
ns
Figure 1-1
Delay Time 2
tD2
—
48
75
ns
Figure 1-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com