Electronic Components Datasheet Search
  English  ▼

X  

MIC4420YN Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC4420YN
Description  6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4420YN Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC4420YN Datasheet HTML 10Page - Microchip Technology MIC4420YN Datasheet HTML 11Page - Microchip Technology MIC4420YN Datasheet HTML 12Page - Microchip Technology MIC4420YN Datasheet HTML 13Page - Microchip Technology MIC4420YN Datasheet HTML 14Page - Microchip Technology MIC4420YN Datasheet HTML 15Page - Microchip Technology MIC4420YN Datasheet HTML 16Page - Microchip Technology MIC4420YN Datasheet HTML 17Page - Microchip Technology MIC4420YN Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MIC4420/9
DS20006092B-page 14
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
4.4.6
DEFINITIONS
• CL = Load Capacitance in Farads.
• D = Duty Cycle expressed as the fraction of time
the input to the driver is high.
• f = Operating Frequency of the driver in Hertz.
• IH = Power supply current drawn by a driver when
both inputs are high and neither output is loaded.
• IL = Power supply current drawn by a driver when
both inputs are low and neither output is loaded.
• ID = Output current from a driver in Amps.
• PD = Total power dissipated in a driver in Watts.
• PL = Power dissipated in the driver due to the
driver’s load in Watts.
• PQ = Power dissipated in a quiescent driver in
Watts.
• PT = Power dissipated in a driver when the output
changes states (“shoot-through current”) in Watts.
Please note that the “shoot-through” current from
a dual transition (once up, once down) for both
drivers is shown by Figure 2-15 and is in
ampere-seconds. This figure must be multiplied
by the number of repetitions per second
(frequency) to find Watts.
• RO = Output resistance of a driver in Ohms.
• VS = Power supply voltage to the IC in Volts.
FIGURE 4-3:
Peak Output Current Test Circuit.
MIC4429
1
8
6, 7
5
4
+18 V
0.1μF
0.1μF
TEK CURRENT
PROBE 6302
10,000 pF
POLYCARBONATE
5.0V
0 V
18 V
0 V
WIMA
MK22
1 μF
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com