Electronic Components Datasheet Search
  English  ▼

X  

MIC4420YN Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC4420YN
Description  6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4420YN Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC4420YN Datasheet HTML 6Page - Microchip Technology MIC4420YN Datasheet HTML 7Page - Microchip Technology MIC4420YN Datasheet HTML 8Page - Microchip Technology MIC4420YN Datasheet HTML 9Page - Microchip Technology MIC4420YN Datasheet HTML 10Page - Microchip Technology MIC4420YN Datasheet HTML 11Page - Microchip Technology MIC4420YN Datasheet HTML 12Page - Microchip Technology MIC4420YN Datasheet HTML 13Page - Microchip Technology MIC4420YN Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MIC4420/9
DS20006092B-page 10
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
TO-220
Pin Number
PDIP, SOIC,
MSOP
Pin Name
Description
1
2
IN
Control input.
2, 4
4, 5
GND
Ground: Duplicate pins must be externally connected together.
3, TAB
1, 8
VS
Supply input: Duplicate pins must be externally connected together.
5
6, 7
OUT
Output: Duplicate pins must be externally connected together.
—
3
NC
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com