Electronic Components Datasheet Search
  English  ▼

X  

MIC4420YN Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC4420YN
Description  6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4420YN Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC4420YN Datasheet HTML 8Page - Microchip Technology MIC4420YN Datasheet HTML 9Page - Microchip Technology MIC4420YN Datasheet HTML 10Page - Microchip Technology MIC4420YN Datasheet HTML 11Page - Microchip Technology MIC4420YN Datasheet HTML 12Page - Microchip Technology MIC4420YN Datasheet HTML 13Page - Microchip Technology MIC4420YN Datasheet HTML 14Page - Microchip Technology MIC4420YN Datasheet HTML 15Page - Microchip Technology MIC4420YN Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MIC4420/9
DS20006092B-page 12
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
MIC4420/4429, the power supply controller can
operate at lower dissipation. This can improve
performance and reliability.
The input can be greater than the +VS supply, however,
current will flow into the input lead. The propagation
delay for tD2 will increase to as much as 400 ns at room
temperature. The input currents can be as high as
30 mA peak-to-peak (6.4 mARMS) with the input, 6 V
greater than the supply voltage. No damage will occur
to MIC4420/4429 however, and it will not latch.
The input appears as a 7 pF capacitance, and does not
change even if the input is driven from an AC source.
Care should be taken so that the input does not go
more than 5 volts below the negative rail.
FIGURE 4-2:
Switching Time Degradation
Due to Negative Feedback.
4.4
Power Dissipation
CMOS circuits usually permit the user to ignore power
dissipation. Logic families such as 4000 and 74C have
outputs which can only supply a few milliamperes of
current, and even shorting outputs to ground will not
force enough current to destroy the device. The
MIC4420/4429 on the other hand, can source or sink
several amperes and drive large capacitive loads at
high frequency. The package power dissipation limit
can easily be exceeded. Therefore, some attention
should be given to power dissipation when driving low
impedance loads and/or operating at high frequency.
The supply current vs. frequency and supply current vs.
capacitive load characteristic curves aid in determining
power dissipation calculations. Table 4-1 lists the
maximum safe operating frequency for several power
supply voltages when driving a 2500 pF load. More
accurate power dissipation figures can be obtained by
summing the three dissipation sources.
Given the power dissipation in the device, and the
thermal resistance of the package, junction operating
temperature for any ambient is easy to calculate. For
example, the thermal resistance of the 8-pin MSOP
package, from the data sheet, is 250°C/W. In a 25°C
ambient, then, using a maximum junction temperature
of 150°C, this package will dissipate 500 mW.
Accurate power dissipation numbers can be obtained
by summing the three sources of power dissipation in
the device:
• Load power dissipation (PL)
• Quiescent power dissipation (PQ)
• Transition power dissipation (PT)
Calculation of load power dissipation differs depending
on whether the load is capacitive, resistive or inductive.
4.4.1
RESISTIVE LOAD POWER
DISSIPATION
Dissipation caused by a resistive load can be
calculated as:
EQUATION 4-1:
4.4.2
CAPACITIVE LOAD DISSIPATION
Dissipation caused by a capacitive load is simply the
energy placed in, or removed from, the load
capacitance by the driver. The energy stored in a
capacitor is described by Equation 4-2:
EQUATION 4-2:
MIC4429
1
8
6, 7
5
4
+18 V
0.1μF
0.1μF
TEK CURRENT
PROBE 6302
2,500 pF
POLYCARBONATE
5.0V
0 V
18 V
0 V
WIMA
MKS-2
1 μF
LOGIC
GROUND
POWER
GROUND
6 AMPS
300 mV
TABLE 4-1:
MIC4429 MAX. OPERATING
FREQUENCY
VS
Maximum Frequency
18V
500 kHz
15V
700 kHz
10V
1.6 MHz
Note 1: Conditions: DIP package (θJA =
130°C/W), TA = 25°C, CL = 2500 pF.
PL I
2 R
O
D
=
Where:
I
= The current drawn by the load.
RO
= The output resistance of the driver
when the output is high, at the power
supply voltage used.
D
= Fraction of the time the load is
conducting (duty cycle).
E
1/2C V2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com