Electronic Components Datasheet Search
  English  ▼

X  

ADP1765 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1765
Description  5 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1765 Datasheet(HTML) 4 Page - Analog Devices

  ADP1765 Datasheet HTML 1Page - Analog Devices ADP1765 Datasheet HTML 2Page - Analog Devices ADP1765 Datasheet HTML 3Page - Analog Devices ADP1765 Datasheet HTML 4Page - Analog Devices ADP1765 Datasheet HTML 5Page - Analog Devices ADP1765 Datasheet HTML 6Page - Analog Devices ADP1765 Datasheet HTML 7Page - Analog Devices ADP1765 Datasheet HTML 8Page - Analog Devices ADP1765 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP1765
Data Sheet
Rev. A | Page 4 of 20
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
THERMAL SHUTDOWN1
Threshold
TSSD
TJ rising
152
°C
Hysteresis
TSSD_HYS
16
°C
POWER-GOOD (PG) OUTPUT
Output Voltage Threshold
Falling
PGFALL
1.1 V ≤ VIN ≤ 1.98 V
−6.2
%
Rising
PGRISE
1.1 V ≤ VIN ≤ 1.98 V
−3.5
%
Output Voltage Low
PGLOW
1.1 V ≤ VIN ≤ 1.98 V, IPG ≤ 1 mA
0.3
V
Leakage Current
IPG_LKG
1.1 V ≤ VIN ≤ 1.98 V
0.01
1
µA
Delay
PGDELAY
ENRISING to PGRISING
0.75
ms
PRECISION EN INPUT
1.1 V ≤ VIN ≤ 1.98 V
Logic Input Voltage
High
ENHIGH
0.60
0.65
0.69
V
Low
ENLOW
0.55
0.60
0.65
V
Input Logic Hysteresis
ENHYS
50
mV
Input Leakage Current
IEN_LKG
VEN = VIN or GND
0.01
1
µA
Input Delay Time
tEN_DLY
From EN rising from 0 V to VIN to 0.1 × VOUT
100
µs
UNDERVOLTAGE LOCKOUT
UVLO
Input Voltage
Rising
UVLORISE
TJ = −40°C to +125°C
1.00
1.06
V
Falling
UVLOFALL
TJ = −40°C to +125°C
0.85
0.93
V
Hysteresis
UVLOHYS
70
mV
1
Guaranteed by characterization but not production tested.
2
Based on an endpoint calculation using 100 mA and 5 A loads.
3
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage, which applies only for output
voltages above 1.1 V.
4
Start-up time is the time from the rising edge of VEN to VOUT being at 90% of its nominal value.
5
Current-limit threshold is the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 1.0 V output voltage
is defined as the current that causes the output voltage to drop to 90% of 1.0 V, or 0.9 V.
INPUT AND OUTPUT CAPACITOR: RECOMMENDED SPECIFICATIONS
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CAPACITANCE1
TA = −40°C to +125°C
Input
CIN
14.5
22
µF
Output
COUT
14.5
22
µF
Regulator
CREG
0.7
1
µF
Reference
CREF
0.07
1
µF
CAPACITOR EQUIVALENT SERIES RESISTANCE (ESR)
RESR
TA = −40°C to +125°C
CIN, COUT
0.2
Ω
CREG
0.5
Ω
CREF
2
Ω
1
The minimum input and output capacitance must be >14.5 µF over the full range of the operating conditions. Consider the full range of the operating conditions in
the application during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended. Y5V and Z5U
capacitors are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com