Electronic Components Datasheet Search
  English  ▼

X  

ADP1765 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1765
Description  5 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1765 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1765 Datasheet HTML 12Page - Analog Devices ADP1765 Datasheet HTML 13Page - Analog Devices ADP1765 Datasheet HTML 14Page - Analog Devices ADP1765 Datasheet HTML 15Page - Analog Devices ADP1765 Datasheet HTML 16Page - Analog Devices ADP1765 Datasheet HTML 17Page - Analog Devices ADP1765 Datasheet HTML 18Page - Analog Devices ADP1765 Datasheet HTML 19Page - Analog Devices ADP1765 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADP1765
Data Sheet
Rev. A | Page 20 of 20
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
0.28
0.23
0.18
1.80
1.70 SQ
1.60
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
*0.40
0.35
0.30
0.05 MAX
0.02 NOM
0.203 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
*COMPLIANT TO JEDEC STANDARDS MO-220-WEED-4
WITH EXCEPTION TO LEAD LENGHT.
EXPOSED
PAD
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
SEATING
PLANE
Figure 60. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-48)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Output Voltage (V)
Package Description
Package Option
Branding
ADP1765ACPZ0.85-R7
−40°C to +125°C
0.85
16-Lead LFCSP
CP-16-48
LUA
ADP1765ACPZ-0.9-R7
−40°C to +125°C
0.9
16-Lead LFCSP
CP-16-48
LUB
ADP1765ACPZ0.95-R7
−40°C to +125°C
0.95
16-Lead LFCSP
CP-16-48
LUM
ADP1765ACPZ-1.0-R7
−40°C to +125°C
1.0
16-Lead LFCSP
CP-16-48
LUD
ADP1765ACPZ-1.1-R7
−40°C to +125°C
1.1
16-Lead LFCSP
CP-16-48
LUE
ADP1765ACPZ-1.2-R7
−40°C to +125°C
1.2
16-Lead LFCSP
CP-16-48
LUF
ADP1765ACPZ1.25-R7
−40°C to +125°C
1.25
16-Lead LFCSP
CP-16-48
LUR
ADP1765ACPZ-1.3-R7
−40°C to +125°C
1.3
16-Lead LFCSP
CP-16-48
LUG
ADP1765ACPZ-1.5-R7
−40°C to +125°C
1.5
16-Lead LFCSP
CP-16-48
LUJ
ADP1765ACPZ-R7
−40°C to +125°C
Adjustable
16-Lead LFCSP
CP-16-48
LUK
ADP1765-1.0-EVALZ
1.0
Evaluation Board (Fixed)
ADP1765-ADJ-EVALZ
1.0
Evaluation Board (Adjustable)
1
Z = RoHS Compliant Part.
2
For additional voltage options, contact a local Analog Devices sales or distribution representative. Additional voltage options are available by special order and
include the following: 0.55 V, 0.6 V, 0.65 V, 0.7 V, 0.75 V, 0.8 V, 1.05 V, 1.15 V, 1.35 V, 1.4 V, and 1.45 V.
©2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13933-0-6/17(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com