Electronic Components Datasheet Search
  English  ▼

X  

ADP1765 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1765
Description  5 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1765 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1765 Datasheet HTML 4Page - Analog Devices ADP1765 Datasheet HTML 5Page - Analog Devices ADP1765 Datasheet HTML 6Page - Analog Devices ADP1765 Datasheet HTML 7Page - Analog Devices ADP1765 Datasheet HTML 8Page - Analog Devices ADP1765 Datasheet HTML 9Page - Analog Devices ADP1765 Datasheet HTML 10Page - Analog Devices ADP1765 Datasheet HTML 11Page - Analog Devices ADP1765 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP1765
Data Sheet
Rev. A | Page 8 of 20
–40
–20
0
20
40
60
80
100
140
120
TEMPERATURE (°C)
ILOAD = 0.1A
ILOAD = 1.0A
ILOAD = 2.0A
ILOAD = 3.0A
ILOAD = 4.0A
ILOAD = 5.0A
0.886
0.888
0.890
0.892
0.894
0.896
0.898
0.900
0.902
0.904
0.906
Figure 10. Output Voltage (VOUT) vs. Temperature, VOUT = 0.9 V
0.1
1
10
LOAD CURRENT (A)
0.890
0.891
0.892
0.893
0.894
0.895
0.896
0.897
0.898
0.899
0.900
0.901
0.902
0.903
0.904
Figure 11. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = 0.9 V
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
VIN (V)
ILOAD = 0.1A
ILOAD = 1.0A
ILOAD = 2.0A
ILOAD = 3.0A
ILOAD = 4.0A
ILOAD = 5.0A
0.890
0.891
0.892
0.893
0.894
0.895
0.896
0.897
0.898
0.899
0.900
0.901
0.902
0.903
0.904
Figure 12. Output Voltage (VOUT) vs. Input Voltage (VIN), VOUT = 0.9 V
–40
–20
0
20
40
60
80
100
140
120
TEMPERATURE (°C)
ILOAD = 0.1A
ILOAD = 1.0A
ILOAD = 2.0A
ILOAD = 3.0A
ILOAD = 4.0A
ILOAD = 5.0A
0
2
4
6
8
10
12
14
16
18
20
22
24
Figure 13. Ground Current (IGND) vs. Temperature, VOUT = 0.9 V
0.1
1
10
LOAD CURRENT (A)
0
2
4
6
8
10
12
14
16
18
20
22
24
Figure 14. Ground Current (IGND) vs. Load Current (ILOAD), VOUT = 0.9 V
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
VIN (V)
ILOAD = 0.1A
ILOAD = 1.0A
ILOAD = 2.0A
ILOAD = 3.0A
ILOAD = 4.0A
ILOAD = 5.0A
0
2
4
6
8
10
12
14
16
18
20
22
24
Figure 15. Ground Current (IGND) vs. Input Voltage (VIN), VOUT = 0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com