Electronic Components Datasheet Search
  English  ▼

X  

ADP1765 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1765
Description  5 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1765 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1765 Datasheet HTML 5Page - Analog Devices ADP1765 Datasheet HTML 6Page - Analog Devices ADP1765 Datasheet HTML 7Page - Analog Devices ADP1765 Datasheet HTML 8Page - Analog Devices ADP1765 Datasheet HTML 9Page - Analog Devices ADP1765 Datasheet HTML 10Page - Analog Devices ADP1765 Datasheet HTML 11Page - Analog Devices ADP1765 Datasheet HTML 12Page - Analog Devices ADP1765 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADP1765
Rev. A | Page 9 of 20
TEMPERATURE (°C)
0.01
0.1
1
10
100
1000
VIN = 1.10V
VIN = 1.30V
VIN = 1.50V
VIN = 1.70V
VIN = 1.90V
VIN = 1.98V
Figure 16. Shutdown Current (IGND_SD) vs. Temperature at
Various Input Voltages (VIN), VOUT = 0.9 V
0.1
1
10
LOAD CURRENT (A)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
Figure 17. Dropout Voltage (VDROPOUT) vs. Load Current (ILOAD), VOUT = 1.3 V
1.25
1.35
1.40
1.45
1.30
1.50
VIN (V)
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.30
1.31
1.32
ILOAD = 0.1A
ILOAD = 1.0A
ILOAD = 2.0A
ILOAD = 3.0A
ILOAD = 4.0A
ILOAD = 5.0A
Figure 18. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout,
VOUT = 1.3 V
1.1
1.2
1.3
1.4
1.5
VIN (V)
ILOAD = 0.1A
ILOAD = 1.0A
ILOAD = 2.0A
ILOAD = 3.0A
ILOAD = 4.0A
ILOAD = 5.0A
0
2
4
6
8
10
12
14
16
18
20
22
24
Figure 19. Ground Current (IGND) vs. Input Voltage (VIN) in Dropout,
VOUT = 1.3 V
3
1
T
CH1 50mV
CH3 2A
4.00µs
5GSPS
1M POINTS
CH3
2.44A
T
11.04000µs
IOUT
VOUT
SLEW RATE = 5A/µs
B
W
B
W
Figure 20. Load Transient Response, COUT = 22 µF, VIN = 1.8 V, VOUT = 1.3 V
3
1
T
CH1 50mV
CH3 2A
4.00µs
5GSPS
1M POINTS
CH3
2.44A
T
11.36000µs
IOUT
VOUT
SLEW RATE = 5A/µs
B
W
B
W
Figure 21. Load Transient Response, COUT = 47 µF, VIN = 1.8 V, VOUT = 1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com