Electronic Components Datasheet Search
  English  ▼

X  

QPL9504 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPL9504
Description  Ultra Low Noise, Flat Gain LNA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL9504 Datasheet(HTML) 1 Page - Qorvo, Inc

  QPL9504 Datasheet HTML 1Page - Qorvo, Inc QPL9504 Datasheet HTML 2Page - Qorvo, Inc QPL9504 Datasheet HTML 3Page - Qorvo, Inc QPL9504 Datasheet HTML 4Page - Qorvo, Inc QPL9504 Datasheet HTML 5Page - Qorvo, Inc QPL9504 Datasheet HTML 6Page - Qorvo, Inc QPL9504 Datasheet HTML 7Page - Qorvo, Inc QPL9504 Datasheet HTML 8Page - Qorvo, Inc QPL9504 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
QPL9504
Ultra Low Noise, Flat Gain LNA
Data Sheet, Rev. D, Dec 15, 2020 | Subject to change without notice
1 of 12
www.qorvo.com
®
8 Pin 2X2 mm DFN Package
Key Features
• 0.6-6 GHz Operational Bandwidth
• Ultra-low noise figure, 0.76 dB NF @ 5.5 GHz
• 34 dBm OIP3 at 55 mA IDD
• 21.6 dB Gain
• Bias adjustable for linearity optimization
• Unconditionally stable
• Shut-down mode pin with 1.8V logic
• Maintains OFF state with high Pin drive
Product Overview
The QPL9504 is a flat gain, high-linearity, ultra-low noise
amplifier in a small 2 x 2 mm surface-mount package. At
5.5 GHz, the amplifier provides 0.76 dB noise figure with
21.6 dB gain and +34 dBm OIP3 while drawing 55 mA
bias current. The LNA can be biased from a single
positive supply ranging from 3.3 to 5 volts. The device is
housed in a green/RoHS-compliant industry-standard
2x2 mm DFN package.
The QPL9504 is bias adjustable and requires minimal
external components to operate. It also has a power
down control capability integrated into the die for TDD
applications.
Ordering Information
Part No.
Description
QPL9504TR7
2500 pieces on a 7” reel
QPL9504EVB-01
0.6-6.0 GHz Evaluation Board
Functional Block Diagram
Top View
Applications
• 5G m-MIMO
• Repeaters / DAS
• Mobile Infrastructure
• LTE, LTE-U/LAA
• General Purpose Wireless
• TDD or FDD systems


Similar Part No. - QPL9504

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPL9503 TRIQUINT-QPL9503 Datasheet
531Kb / 7P
Ultra Low-Noise, Flat Gain LNA
logo
Qorvo, Inc
QPL9503 QORVO-QPL9503 Datasheet
720Kb / 9P
Ultra Low-Noise, Flat Gain LNA
June 10, 2020
logo
TriQuint Semiconductor
QPL9503EVB-01 TRIQUINT-QPL9503EVB-01 Datasheet
531Kb / 7P
Ultra Low-Noise, Flat Gain LNA
logo
Qorvo, Inc
QPL9503EVB-01 QORVO-QPL9503EVB-01 Datasheet
720Kb / 9P
Ultra Low-Noise, Flat Gain LNA
June 10, 2020
logo
TriQuint Semiconductor
QPL9503SR TRIQUINT-QPL9503SR Datasheet
531Kb / 7P
Ultra Low-Noise, Flat Gain LNA
More results

Similar Description - QPL9504

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9092 TRIQUINT-TQL9092 Datasheet
574Kb / 9P
Ultra Low Noise, Flat Gain LNA
TQL9093 TRIQUINT-TQL9093 Datasheet
443Kb / 9P
Ultra Low Noise, Flat Gain LNA
QPL9503 TRIQUINT-QPL9503 Datasheet
531Kb / 7P
Ultra Low-Noise, Flat Gain LNA
QPL6202 TRIQUINT-QPL6202 Datasheet
777Kb / 8P
Ultra-Low Noise, High Gain LNA
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL6202Q QORVO-QPL6202Q Datasheet
769Kb / 8P
Ultra-Low Noise, High Gain LNA
QPL9057 QORVO-QPL9057 Datasheet
1Mb / 12P
Ultra-Low Noise Flat Gain Amplifier
Sept 20, 2020
QPL9503 QORVO-QPL9503 Datasheet
720Kb / 9P
Ultra Low-Noise, Flat Gain LNA
June 10, 2020
TQL9092 QORVO-TQL9092 Datasheet
789Kb / 12P
Ultra Low-Noise, Flat Gain LNA
July 21, 2020
TQL9093 QORVO-TQL9093 Datasheet
717Kb / 12P
Ultra Low-Noise, Flat Gain LNA
G, June 10, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com