Electronic Components Datasheet Search
  English  ▼

X  

QPL9504 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # QPL9504
Description  Ultra Low Noise, Flat Gain LNA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL9504 Datasheet(HTML) 5 Page - Qorvo, Inc

  QPL9504 Datasheet HTML 1Page - Qorvo, Inc QPL9504 Datasheet HTML 2Page - Qorvo, Inc QPL9504 Datasheet HTML 3Page - Qorvo, Inc QPL9504 Datasheet HTML 4Page - Qorvo, Inc QPL9504 Datasheet HTML 5Page - Qorvo, Inc QPL9504 Datasheet HTML 6Page - Qorvo, Inc QPL9504 Datasheet HTML 7Page - Qorvo, Inc QPL9504 Datasheet HTML 8Page - Qorvo, Inc QPL9504 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
QPL9504
Ultra Low Noise, Flat Gain LNA
Data Sheet, Rev. D, Dec 15, 2020 | Subject to change without notice
5 of 12
www.qorvo.com
®
Evaluation Board
– QPL9504EVB-01 (Optimized for 5-6 GHz)
Notes:
1. See Evaluation Board PCB Information section for material and stack-up.
2. All components are of 0402 size unless otherwise mentioned.
3. For TDD Applications: R1
= 0Ω
4. For FDD Applications: Pin 5 tied to ground or R1 = DNP/Omitted
5. A through line is included on the evaluation board to de-embed the board losses.
6. R4 sets the current draw. Can be changed for the desired bias point.
Bill of Material
– QPL9504EVB-01 (Optimized for 5-6 GHz)
Reference Des.
Value
Description
Manuf.
Part Number
N/A
N/A
Printed Circuit Board
Qorvo
U1
n/a
Low Noise QPL9504 LNA
Qorvo
QPL9504
R4
3.9K
Resistor, Chip, 0402, 1%, 1/16W
various
R1, R3, C6, C7
0 Ω
Resistor, Chip, 0402, 5%, 1/16W
various
C1
5.6 pF
Cap., ±0.1pF, 50V, COG, 0402
Murata
GJM1555C1H5R6CB01D
C2
2.7 pF
Cap., ±0.1pF, 50V, COG, 0402
Murata
GJM1555C1H2R7CB01D
C3, C5
1000 pF
Cap., 10%, 50V, X7R, 0402
various
C4
0.1 uF
Cap., Chip, 0402, 10%, 10V, X5R
various
C8
0.2 pF
Cap., +/-0.05pF, 50V, HI-Q, 0402
Murata
GJM1555C1HR20BB01D
C9
0.5 pF
Cap., ±0.05pF, 50V, HI-Q, 0402
Murata
GJM1555C1HR50BB01D
L1
18 nH
Inductor, coil, 0603, 2%
Coilcraft
0402CS-18NXGRW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com