Electronic Components Datasheet Search
  English  ▼

X  

QPL9504 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPL9504
Description  Ultra Low Noise, Flat Gain LNA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL9504 Datasheet(HTML) 4 Page - Qorvo, Inc

  QPL9504 Datasheet HTML 1Page - Qorvo, Inc QPL9504 Datasheet HTML 2Page - Qorvo, Inc QPL9504 Datasheet HTML 3Page - Qorvo, Inc QPL9504 Datasheet HTML 4Page - Qorvo, Inc QPL9504 Datasheet HTML 5Page - Qorvo, Inc QPL9504 Datasheet HTML 6Page - Qorvo, Inc QPL9504 Datasheet HTML 7Page - Qorvo, Inc QPL9504 Datasheet HTML 8Page - Qorvo, Inc QPL9504 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
QPL9504
Ultra Low Noise, Flat Gain LNA
Data Sheet, Rev. D, Dec 15, 2020 | Subject to change without notice
4 of 12
www.qorvo.com
®
Noise Parameters
Test Conditions: VDD=+5 V, IDD=55 mA (typ.), T=+25
°C, unmatched 50 ohm system, calibrated to device leads
Freq (GHz)
NFmin (dB)
GammaOpt (mag)
GammaOpt (deg)
rn
(Ω)
4.0
0.50
0.10
-159
0.060
4.1
0.50
0.14
173
0.047
4.2
0.50
0.19
-169
0.038
4.3
0.50
0.14
-142
0.054
4.4
0.51
0.17
-173
0.043
4.5
0.50
0.21
-157
0.043
4.6
0.51
0.23
-157
0.039
4.7
0.50
0.22
-160
0.042
4.8
0.51
0.23
-151
0.043
4.9
0.52
0.20
-155
0.048
5.0
0.55
0.20
-154
0.049
5.1
0.56
0.30
-143
0.040
5.2
0.57
0.26
-144
0.048
5.3
0.60
0.30
-152
0.046
5.4
0.60
0.32
-144
0.044
5.5
0.61
0.25
-146
0.059
5.6
0.63
0.30
-144
0.053
5.7
0.63
0.32
-137
0.052
5.8
0.66
0.32
-137
0.058
5.9
0.69
0.32
-130
0.075
6.0
0.72
0.31
-136
0.065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com