Electronic Components Datasheet Search
  English  ▼

X  

QPL9504 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPL9504
Description  Ultra Low Noise, Flat Gain LNA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL9504 Datasheet(HTML) 3 Page - Qorvo, Inc

  QPL9504 Datasheet HTML 1Page - Qorvo, Inc QPL9504 Datasheet HTML 2Page - Qorvo, Inc QPL9504 Datasheet HTML 3Page - Qorvo, Inc QPL9504 Datasheet HTML 4Page - Qorvo, Inc QPL9504 Datasheet HTML 5Page - Qorvo, Inc QPL9504 Datasheet HTML 6Page - Qorvo, Inc QPL9504 Datasheet HTML 7Page - Qorvo, Inc QPL9504 Datasheet HTML 8Page - Qorvo, Inc QPL9504 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
QPL9504
Ultra Low Noise, Flat Gain LNA
Data Sheet, Rev. D, Dec 15, 2020 | Subject to change without notice
3 of 12
www.qorvo.com
®
S-Parameters
Test Conditions: VDD=+5 V, IDD=55 mA (typ.), T=+25
°C, unmatched 50 Ω system, calibrated to device leads
Freq (GHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
1.0
-7.3
-90
23.1
86
-31.4
8
-15.4
-37
1.1
-7.7
-97
22.7
80
-31.2
6
-15.8
-38
1.2
-8.1
-103
22.3
73
-31.0
5
-16.2
-37
1.3
-8.5
-108
21.9
67
-30.9
3
-16.5
-36
1.4
-8.8
-114
21.6
61
-30.7
1
-16.7
-36
1.5
-9.1
-119
21.3
56
-30.6
0
-16.8
-35
1.6
-9.4
-123
21.0
50
-30.5
-2
-16.8
-34
1.7
-9.6
-128
20.8
45
-30.4
-4
-16.7
-33
1.8
-9.8
-132
20.5
39
-30.3
-6
-16.5
-33
1.9
-10.0
-136
20.3
34
-30.3
-8
-16.3
-32
2.0
-10.1
-140
20.2
29
-30.3
-10
-15.9
-32
2.1
-10.2
-143
20.0
24
-30.2
-12
-15.6
-33
2.2
-10.3
-147
19.9
19
-30.2
-14
-15.2
-34
2.3
-10.4
-150
19.8
14
-30.2
-16
-14.8
-35
2.4
-10.4
-153
19.7
9
-30.2
-18
-14.3
-36
2.5
-10.4
-156
19.6
4
-30.3
-21
-13.9
-37
2.6
-10.4
-159
19.6
-1
-30.3
-23
-13.4
-39
2.7
-10.3
-162
19.6
-6
-30.4
-25
-13.0
-41
2.8
-10.2
-165
19.6
-11
-30.5
-28
-12.5
-44
2.9
-10.1
-167
19.6
-16
-30.6
-31
-12.0
-46
3.0
-10.0
-170
19.6
-21
-30.8
-33
-11.5
-49
3.1
-9.8
-173
19.7
-26
-30.9
-36
-11.0
-52
3.2
-9.6
-176
19.7
-31
-31.1
-39
-10.5
-55
3.3
-9.5
-179
19.8
-36
-31.3
-42
-10.0
-58
3.4
-9.3
179
19.9
-41
-31.5
-45
-9.4
-61
3.5
-9.3
176
20.0
-46
-31.7
-48
-8.9
-63
3.6
-9.1
173
20.1
-52
-32.0
-52
-8.4
-67
3.7
-8.8
169
20.2
-57
-32.4
-55
-7.9
-71
3.8
-8.5
166
20.3
-63
-32.8
-59
-7.4
-75
3.9
-8.2
163
20.4
-69
-33.2
-63
-7.0
-80
4.0
-7.9
159
20.5
-75
-33.7
-67
-6.5
-85
4.1
-7.6
155
20.6
-81
-34.2
-72
-6.0
-90
4.2
-7.3
152
20.7
-87
-34.9
-76
-5.6
-96
4.3
-7.0
148
20.7
-94
-35.6
-81
-5.1
-101
4.4
-6.8
144
20.8
-100
-36.4
-87
-4.7
-107
4.5
-6.5
140
20.8
-107
-37.4
-92
-4.3
-113
4.6
-6.3
136
20.7
-113
-38.4
-98
-4.0
-119
4.7
-6.2
132
20.7
-120
-39.6
-105
-3.7
-125
4.8
-6.0
128
20.6
-127
-41.0
-112
-3.4
-131
4.9
-5.9
124
20.4
-134
-42.5
-122
-3.2
-137
5.0
-5.9
121
20.2
-140
-44.4
-132
-3.0
-143
5.1
-5.9
117
20.0
-146
-46.3
-144
-2.8
-148
5.2
-5.9
113
19.8
-153
-48.3
-162
-2.7
-154
5.3
-6.0
110
19.5
-159
-49.7
177
-2.6
-159
5.4
-6.1
107
19.2
-165
-49.9
153
-2.6
-164
5.5
-6.2
104
18.9
-171
-49.3
131
-2.5
-168
5.6
-6.4
102
18.6
-176
-48.0
116
-2.5
-173
5.7
-6.6
99
18.3
179
-46.8
106
-2.5
-177
5.8
-6.8
97
17.9
173
-45.6
99
-2.5
179
5.9
-7.0
95
17.6
169
-44.7
94
-2.5
175
6.0
-7.3
93
17.3
164
-43.8
90
-2.6
172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com