Electronic Components Datasheet Search
  English  ▼

X  

AP2115 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2115
Description  300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2115 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2115 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2115
Preliminary Datasheet
4
Oct. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-23-5
-40 to 125oC
AP2115BK-1.8TR
AP2115BK-1.8TRE1
K7B
E7B
Tape & Reel
AP2115BK-2.5TR
AP2115BK-2.5TRE1
K7D
E7D
Tape & Reel
AP2115BK-2.8TR
AP2115BK-2.8TRE1
K7F
E7F
Tape & Reel
AP2115BK-3.0TR
AP2115BK-3.0TRE1
K7H
E7H
Tape & Reel
AP2115BK-3.3TR
AP2115BK-3.3TRE1
K7J
E7J
Tape & Reel
Parameter
Symbol
Min
Max
Unit
Input Voltage (Note 3)
VIN
2.2
6.5
V
Operating Junction Temperature Range
TJ
-40
125
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 2: All voltage values are with respect to network ground terminal.
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Input Voltage (Note 2)
VIN
-0.3 to 8
V
Input Voltage (CE/CE Pin)
VSHDN
-0.3 to VIN+0.3
V
Output Voltage
VOUT
-0.3 to VIN+0.3
V
Output Current
IOUT
500
mA
Power Dissipation
PD
250
mW
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
300
oC
ESD (Machine Model)
ESD
200
V
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information (Continued)
Note 3: To calculate the minimum input voltage for maximum output current, the following formula is recommended:
VIN(Min)=VOUT(Max)+VDROP(Max load)
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com