Electronic Components Datasheet Search
  English  ▼

X  

AP2115 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2115
Description  300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2115 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2115 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2115
Preliminary Datasheet
7
Oct. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
AP2115-2.8V Electrical Characteristics
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
1mA
≤ I
OUT≤ 30mA
2.744
2.8
2.856
V
Output Current
IOUT
300
mA
Current Limit
500
mA
Quiescent Current
80
150
µA
Ground Pin Current
IGND
IOUT=300mA
90
150
µA
Dropout Voltage
(Note 4)
VDROP
IOUT=1mA
1
5
mV
IOUT=50mA
50
75
IOUT=200mA
200
300
IOUT=300mA
300
450
Load Regulation
VRLOAD
1mA
≤ I
OUT≤300mA
11.2
28
mV
Line Regulation
VRLINE
VOUT+0.5V≤VIN≤6V
IOUT=30mA
415
mV
CE/CE Input High
Threshold
VIH
1.5
V
CE/CE Input Low
Threshold
VIL
0.4
V
CE/CE Bias Current
ISD
100
nA
Shutdown Supply Current
IGSD
VOUT=0V
0.1
1
µA
Thermal Shutdown
Temperature
TSD
165
oC
Power Supply
Ripple Rejection
PSRR
Ripple 0.5VP-P
f=1kHz, IOUT=30mA
70
dB
Output Voltage Temperature
Coefficient
∆V
OUT/∆TIOUT=30mA
-40oC
≤T
J≤125
oC
280
µV/oC
Short Current Limit
ILIMIT
VOUT=0V
450
mA
Turn-on Time (Note 5)
TON
60
µs
RMS Output Noise
VNOISE
TA=25
oC
10Hz
≤f ≤100kHz
200
µVrms
VIN=VOUT+1V, TA=25
oC, C
IN=1µF, CL=1µF, unless otherwise specified.
Note 4: Dropout voltage is defined as the input-to-output differential when the output voltage drops to 98% of its nominal
value which is measured at VOUT+1V applied to VIN.
Note 5: Turn-on time is time measured between the enable input just exceeding VIH and the output voltage just reaching 95%
of its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com