Electronic Components Datasheet Search
  English  ▼

X  

AP2115 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2115
Description  300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2115 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2115 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2115
Preliminary Datasheet
10
Oct. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Output Voltage vs. Input Voltage
Figure 6. Output Voltage vs. Temperature
1234
5678
1.0
1.5
2.0
2.5
3.0
Input Voltage (V)
AP2115-3.0V
T
A
=25
OC
I
OUT
=10mA
I
OUT
=200mA
-40
-20
0
20
40
60
80
100
120
2.90
2.92
2.94
2.96
2.98
3.00
3.02
3.04
3.06
3.08
3.10
AP2115-3.0V
V
IN
=4V
I
OUT
=1mA
Ambient Temperature (
oC)
0
1
2345
6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Input Voltage (V)
AP2115-1.8V
T
A
=25
oC
I
OUT
=10mA
Figure 5. Output Voltage vs. Input Voltage
-40
-20
0
20
40
60
80
100
120
1.700
1.725
1.750
1.775
1.800
1.825
1.850
1.875
1.900
Ambient Temperature (
OC)
AP2115-1.8V
V
IN
=4V
I
OUT
=10mA
Figure 7. Output Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com