Electronic Components Datasheet Search
  English  ▼

X  

AP2115 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2115
Description  300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2115 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2115 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2115 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2115
Preliminary Datasheet
1
Oct. 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
General Description
The AP2115 is positive voltage regulator IC designed
by CMOS process. The AP2115 has features of low
dropout voltage, high output voltage accuracy and low
current consumption. It consists of a voltage reference,
an error amplifier, a resistor network for setting output
voltage, a current limit circuit for current protection, a
circuit for over temperature protection and a chip
enable circuit. Thus, the AP2115 is suitable for various
power sources for portable application.
The AP2115 is available in standard SOT-23-5 pack-
age.
Features
·
High Ripple Rejection: 70dB at f=1KHz
·
Ultra Low Dropout Voltage: 0.3V Typical at
IOUT=300mA
·
Low Operation Current: 80
µA Typical
·
High Line Regulation: 4mV Typical
·
High
Load
Regulation:
12mV
Typical
at
IOUT=300mA
·
Low Temperature-drift Coefficient of Output
Voltage
·
High Output Voltage Accuracy:
± 2%
·
Excellent Line Transient Response and Load
Transient Response
·
Output Voltage: 1.8V, 2.5V, 2.8V, 3.0V, 3.3V
·
Low ESR Capacitor Compatible
·
Wide Temperature Range: -40oC to 125oC
·
Current and Thermal Protection
Application
·
Mobile Phones, Cordless Phones
·
Portable Games
·
Cameras
·
Portable AV Equipment
·
Battery Powered Equipment
SOT-23-5
Figure 1. Package Type of AP2115


Similar Part No. - AP2115

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
BCD Semiconductor Manuf...
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2115M-1.2G1 DIODES-AP2115M-1.2G1 Datasheet
597Kb / 19P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
BCD Semiconductor Manuf...
AP2115M-1.2TRG1 BCDSEMI-AP2115M-1.2TRG1 Datasheet
598Kb / 19P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2115M-1.2TRG1 DIODES-AP2115M-1.2TRG1 Datasheet
597Kb / 19P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
More results

Similar Description - AP2115

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
3A Fixed Output Voltage LDO Regulator
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
3A Fixed Output Voltage LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
300mA Variable Output LDO Regulator
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
612Kb / 23P
300mA Variable / Fixed Output LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com