Electronic Components Datasheet Search
  English  ▼

X  

MIC2810 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC2810
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2810 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC2810 Datasheet HTML 18Page - Microchip Technology MIC2810 Datasheet HTML 19Page - Microchip Technology MIC2810 Datasheet HTML 20Page - Microchip Technology MIC2810 Datasheet HTML 21Page - Microchip Technology MIC2810 Datasheet HTML 22Page - Microchip Technology MIC2810 Datasheet HTML 23Page - Microchip Technology MIC2810 Datasheet HTML 24Page - Microchip Technology MIC2810 Datasheet HTML 25Page - Microchip Technology MIC2810 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005910B-page 23
MIC2810
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC2810-44MYML-TR:
Digital Power Management
IC 2 MHz, 600 mA DC/DC
with Dual 300 mA/300 mA
Low VIN LDOs,
1.2V/1.2V/2.8V Output Voltage,
–40°C to +125°C, 16LD QFN
Package, 5,000/Reel
b) MIC2810-4GMYML-TR:
Digital Power Management
IC 2 MHz, 600 mA DC/DC
with Dual 300 mA/300 mA
Low VIN LDOs, 1.2V/1.8V/2.8V
Output Voltage, –40°C to +125°C
16LD QFN Package, 5,000/Reel
c) MIC2810-4GSYML-TR:
Digital Power Management
IC 2 MHz, 600 mA DC/DC
with Dual 300 mA/300 mA
Low VIN LDOs, 1.2V/1.8V/3.3V
Output Voltage, –40°C to +125°C
16LD QFN Package, 5,000/Reel
d) MIC2810-4MSYML-TR:
Digital Power Management
IC 2 MHz, 600 mA DC/DC
with Dual 300 mA/300 mA
Low VIN LDOs, 1.2V/2.8V/3.3V
Output Voltage, –40°C to +125°C
16LD QFN Package, 5,000/Reel
e) MIC2810-FGSYML-TR:
Digital Power Management
IC 2 MHz, 600 mA DC/DC
with Dual 300 mA/300 mA
Low VIN LDOs, 1.5V/1.8V/3.3V
Output Voltage, –40°C to +125°C
16LD QFN Package, 5,000/Reel
PART NO.
X
Package
Device
Device:
MIC2810:
Digital Power Management IC 2 MHz,
600 mA DC/DC with Dual 300 mA/300 mA
Low VIN LDOs
Output Voltages:
(DC/DC, LDO1,
LDO2)
1JGM=
1.25V/1.8V/2.8V
1J6J =
1.25V/1.4V/2.5V
1J6S=
1.25V/1.4V/3.3V
44M =
1.2V/1.2V/2.8V
4GK =
1.2V/1.8V/2.6V
4GM=
1.2V/1.8V/2.8V
4GP =
1.2V/1.8V/3.0V
4GS =
1.2V/1.8V/3.3V
4LS =
1.2V/2.7V/3.3V
4MS =
1.2V/2.8V/3.3V
CGJ =
1.2V/1.8V/2.5V
FGS =
1.5V/1.8V/3.3V
Temperature:
Y
=
Pb-Free with Industrial Temperature Grade
(–40°C to +125°C)
Package:
ML =
16-lead, 3 mm x 3 mm QFN, 0.85 mm thickness
Tape and Reel:
TR = 5,000/Reel
X
Temperature
XX(1)
–
Tape and Reel Option
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
–
XX
Output
Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com