Electronic Components Datasheet Search
  English  ▼

X  

MIC2810 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC2810
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2810 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC2810 Datasheet HTML 2Page - Microchip Technology MIC2810 Datasheet HTML 3Page - Microchip Technology MIC2810 Datasheet HTML 4Page - Microchip Technology MIC2810 Datasheet HTML 5Page - Microchip Technology MIC2810 Datasheet HTML 6Page - Microchip Technology MIC2810 Datasheet HTML 7Page - Microchip Technology MIC2810 Datasheet HTML 8Page - Microchip Technology MIC2810 Datasheet HTML 9Page - Microchip Technology MIC2810 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MIC2810
DS20005910B-page 6
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
Dropout Voltage
VDO
—
70
—
mV
IOUT = 150 mA
—
94
—
IOUT = 200 mA
—
142
300
IOUT = 300 mA
Ripple Rejection
PSRR
—
35
—
dB
f = up to 1 kHz
Current Limit
ILIM
400
600
850
mA
VOUT = 0V
Output Voltage Noise
VN
—
91
—
µVRMS 10 Hz to 100 kHz
LOWQ = Low (Light Load Mode)
Output Voltage Accuracy
VOUT
–3
—
3
%
Variation from nominal VOUT
–4
—
4
Variation from nominal VOUT;
–40°C to +125°C
Line Regulation
—
—
0.02
0.3
%/V
VIN = VOUT +1V to 5.5V
—
—
0.6
Load Regulation
∆VOUT/VOUT
—
0.2
1.0
%
IOUT = 100 µA to 10 mA
Dropout Voltage
VDO
—
22
35
mV
IOUT = 10 mA
—
—
50
Current Limit
ILIM
50
85
125
mA
VIN = 2.7V; VOUT = 0V
Ripple Rejection
PSRR
—
35
—
dB
f = up to 1 kHz
ELECTRICAL CHARACTERISTICS - LDO1/LDO2 (CONTINUED)
Electrical Characteristics: VIN1 = VIN2 = VOUTLDO1 + 1.0V or VIN1 = VIN2 = VOUTLDO2 + 1.0V; EN = GND; EN1 =
EN2 = VIN1 = VIN2; CLDO1 = CLDO2 = 2.2 µF; IOUTLDO1 = 100 µA; TJ = 25°C, bold values indicate
–40°C ≤ TJ ≤ +125°C; unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com