Electronic Components Datasheet Search
  English  ▼

X  

MIC2810 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC2810
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2810 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC2810 Datasheet HTML 11Page - Microchip Technology MIC2810 Datasheet HTML 12Page - Microchip Technology MIC2810 Datasheet HTML 13Page - Microchip Technology MIC2810 Datasheet HTML 14Page - Microchip Technology MIC2810 Datasheet HTML 15Page - Microchip Technology MIC2810 Datasheet HTML 16Page - Microchip Technology MIC2810 Datasheet HTML 17Page - Microchip Technology MIC2810 Datasheet HTML 18Page - Microchip Technology MIC2810 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005910B-page 15
MIC2810
3.5
SW
The switch (SW) pin connects directly to the inductor
and provides the switching current necessary to
operate in PWM mode. Due to the high speed
switching on this pin, the switch node should be routed
away from sensitive nodes.
3.6
VIN/VIN1/VIN2
Three input voltage pins provide power to the switch
mode regulator, LDO1, and LDO2. VIN provides power
to the control circuitry of the DC/DC converter and
voltage reference circuitry shared by all the regulators
in the MIC2810. LDO1’s input voltage (VIN1) can go
down to 1.65V, but LDO2 and the DC/DC converter
input voltages are limited to 2.7V minimum.
For the switch mode regulator, VIN provides power to
the MOSFET along with current limiting sense circuitry.
Due to the high switching speeds, a 4.7 µF capacitor is
recommended close to VIN and the power ground
(PGND) pin for bypassing. Please refer to the PCB
layout section for an example of an appropriate circuit
layout.
3.7
LDO2
Regulated output voltage of LDO2. Power is provided
by VIN2. The minimum recommended output
capacitance is 2.2 µF.
3.8
LDO
The LDO pin is the output of the linear regulator and
should be connected to the output of the step-down
PWM regulator. In LOWQ mode (LOWQ < 0.2V), the
LDO provides the output voltage of the DC/DC
regulator.
3.9
LDO1
Regulated output voltage of LDO1. Input power is
provided by VIN1. The minimum recommended output
capacitance is 2.2 µF.
3.10 Power-on Reset (POR)
The power-on reset output is an open-drain N-Channel
device, requiring a pull-up resistor to either the input
voltage or output voltage for proper voltage levels. The
POR output has a delay time that is programmable with
a capacitor from the CSET pin to ground. The delay
time can be programmed to be as long as 1 second. In
steady-state conditions, the POR output is high if at
least one channel (DC/DC, LDO1, and LDO2) is
enabled and has reached regulation. This is equivalent
to performing a logic OR operation on the status of the
output voltages.
If any of the outputs are subsequently pulled out of
regulation (e.g., due to a momentary overload), the
POR signal goes low and it remains low as long as the
affected output is out of regulation. If the affected
output returns within regulation, POR is asserted high
after the delay time programmed with the capacitor at
the CSET pin.
The ESD protection of the POR pin is free from
clamping diodes to the input supply rails. Therefore, the
POR signal can be asserted to host I/Os under backup
power domains or pulled up to backup power sources
without the risk of parasitic leakage, even if the main
power to the MIC2810 is removed.
3.11 CSET
The CSET pin is a current source output that charges
a capacitor that sets the delay time for the power-on
reset output from low to high. The delay for POR high
to low (detecting an undervoltage on any of the outputs)
is always minimal. The current source of 1.25µA
charges a capacitor up from 0V. When the capacitor
reaches 1.25V, the output of the POR is allowed to go
high. The delay time in microseconds is equal to the
CSET in picofarads.
EQUATION 3-1:
3.12 EN/EN1/EN2
All enable inputs are active high, requiring 1.0V for
guaranteed operation. EN provides logic control for the
DC/DC regulator. EN2 provides logic control for LDO2,
and EN1 provides logic control for LDO1. The enable
inputs are CMOS logic and cannot be left floating.
The enable pins provide logic level control of the
specified outputs. When all enable pins are in the off
state, supply current of the device is greatly reduced
(typically <1 µA). When the DC/DC regulator is in the
off state, the output drive is placed in a "tri-stated"
condition, where both the high side P-channel
MOSFET and the low-side N-channel are in an “off” or
non-conducting state. Do not drive any of the enable
pins above the supply voltage.
PORDelay s
 
CSET pF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com