Electronic Components Datasheet Search
  English  ▼

X  

MIC2810 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2810
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2810 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2810 Datasheet HTML 1Page - Microchip Technology MIC2810 Datasheet HTML 2Page - Microchip Technology MIC2810 Datasheet HTML 3Page - Microchip Technology MIC2810 Datasheet HTML 4Page - Microchip Technology MIC2810 Datasheet HTML 5Page - Microchip Technology MIC2810 Datasheet HTML 6Page - Microchip Technology MIC2810 Datasheet HTML 7Page - Microchip Technology MIC2810 Datasheet HTML 8Page - Microchip Technology MIC2810 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005910B-page 1
MIC2810
Features
• 2.7V to 5.5V Input Voltage Range
• 2 MHz DC/DC Converter and Two LDOs
• Integrated Power-on Reset (POR)
• Adjustable POR Delay Time
• LOWQ Mode
- 30 µA Total IQ When in LOWQ Mode
• DC/DC Converter
- Up to 600 mA of Output Current in PWM
Mode
- LOWQ Mode: No Ripple Light Load Mode
- 53 µVRMS Output Noise in LOWQ Mode
- 2 MHz PWM Mode Operation
- >90% Efficiency
• LDO1
- 1.65V to 5.5V Input Voltage Range
- 300 mA Output Current
- Output Voltage Down to 0.8V
• LDO2
- 2.7V to 5.5V Input Voltage Range
- 300 mA Output Current
- Output Voltage Down to 0.8V
• Thermal Shutdown Protection
• Current-Limit Protection
• Simple, Leakage-Free Interfacing to Host MPU in
Applications with Backup Power
• Tiny 16-Pin 3 mm x 3 mm QFN Package
Applications
• Embedded MPU and MCU Power
• Portable and Wearable Applications
• Low-Power RF Systems
• Backup Power Systems
General Description
The MIC2810 is a high performance power
management IC, featuring three output voltages with
independent enable control: a 2 MHz DC/DC converter
and two 300 mA LDOs. The MIC2810 features a
LOWQ mode, reducing the total current draw while in
this mode to less than 30 µA. In LOWQ mode, the
output noise of the DC/DC converter is 53 µVRMS,
significantly lower than other converters that use a
PFM light load mode that can interfere with sensitive
RF circuitry.
The DC/DC converter uses small values of L and C to
reduce board space but still retains high efficiency over
a wide load range, while supporting load currents up to
600 mA.
The LDOs operate with very small ceramic output
capacitors for stability, therefore, reducing required
board space and component cost. It is available in
various output voltage options in the 16-pin 3 mm x
3 mm QFN leadless package.
Package Type
MIC2810
16-Lead 3 mm x 3 mm QFN
LOWQ
BIAS
SGND
PGND
POR
LDO1
VIN1
LDO
Pin 12
Pin 11
Pin 10
Pin 9
Pin 1
Pin 2
Pin 3
Pin 4
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual
300 mA/300 mA Low VIN LDOs


Similar Part No. - MIC2810

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810 MICREL-MIC2810 Datasheet
514Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810-44MYML MICREL-MIC2810-44MYML Datasheet
514Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810-4GKYML MICREL-MIC2810-4GKYML Datasheet
514Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810-4GMYML MICREL-MIC2810-4GMYML Datasheet
514Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
More results

Similar Description - MIC2810

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
logo
Analog Devices
ADP5033 AD-ADP5033 Datasheet
681Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. 0
ADP5034 AD-ADP5034 Datasheet
706Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
REV. A
logo
Micrel Semiconductor
MIC2810 MICREL-MIC2810_08 Datasheet
514Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
logo
Analog Devices
ADP222 AD-ADP222 Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
ADP5037 AD-ADP5037 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP5037ACPZ-R7 AD-ADP5037ACPZ-R7 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
ADP5034 AD-ADP5034_V01 Datasheet
758Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
logo
Microchip Technology
MIC5396 MICROCHIP-MIC5396 Datasheet
3Mb / 26P
Low-Power Dual 300 mA LDO
Rev. C .April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com