Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products MAX2021 Datasheet HTML 10Page - Maxim Integrated Products MAX2021 Datasheet HTML 11Page - Maxim Integrated Products MAX2021 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
High-Dynamic-Range, Direct Up-/Downconversion
750MHz to 1200MHz Quadrature Mod/Demod
8
_______________________________________________________________________________________
Detailed Description
The MAX2021 is designed for upconverting differential
in-phase (I) and quadrature (Q) inputs from baseband
to a 750MHz to 1200MHz RF frequency range. The
device can also be used as a demodulator, downcon-
verting an RF input signal directly to baseband.
Applications include RFID handheld and portal readers,
as well as single and multicarrier GSM/EDGE,
cdma2000, WCDMA, and iDEN base stations. Direct
conversion architectures are advantageous since they
significantly reduce transmitter or receiver cost, part
count, and power consumption as compared to tradition-
al IF-based double conversion systems.
The MAX2021 integrates internal baluns, an LO buffer, a
phase splitter, two LO driver amplifiers, two matched
double-balanced passive mixers, and a wideband
quadrature combiner. The MAX2021’s high-linearity mix-
ers, in conjuction with the part’s precise in-phase and
quadrature channel matching, enable the device to pos-
sess excellent dynamic range, ACLR, 1dB compression
point, and LO and sideband suppression characteris-
tics. These features make the MAX2021 ideal for four-
carrier WCDMA operation.
LO Input Balun, LO Buffer, and
Phase Splitter
The MAX2021 requires a single-ended LO input, with a
nominal power of 0dBm. An internal low-loss balun at
the LO input converts the single-ended LO signal to a
differential signal at the LO buffer input. In addition, the
internal balun matches the buffer’s input impedance to
50
Ω over the entire band of operation.
The output of the LO buffer goes through a phase split-
ter, which generates a second LO signal that is shifted
by 90° with respect to the original. The 0° and 90° LO
signals drive the I and Q mixers, respectively.
LO Driver
Following the phase splitter, the 0° and 90° LO signals
are each amplified by a two-stage amplifier to drive the
I and Q mixers. The amplifier boosts the level of the LO
Pin Description
PIN
NAME
FUNCTION
1, 5, 9–12, 14, 16–19, 22,
24, 27–30, 32, 34, 35, 36
GND
Ground
2
RBIASLO3 3rd LO Amplifier Bias. Connect a 332
Ω resistor to ground.
3
VCCLOA
LO Input Buffer Amplifier Supply Voltage. Bypass to GND with 33pF and 0.1µF
capacitors as close to the pin as possible.
4
LO
Local Oscillator Input. 50
Ω input impedance.
6
RBIASLO1 1st LO Input Buffer Amplifier Bias. Connect a 432
Ω resistor to ground.
7
N.C.
No Connection. Leave unconnected.
8
RBIASLO2 2nd LO Amplifier Bias. Connect a 619
Ω resistor to ground.
13
VCCLOI1
I-Channel 1st LO Amplifier Supply Voltage. Bypass to GND with 33pF and 0.1µF
capacitors as close to the pin as possible.
15
VCCLOI2
I-Channel 2nd LO Amplifier Supply Voltage. Bypass to GND with 33pF and 0.1µF
capacitors as close to the pin as possible.
20
BBI+
Baseband In-Phase Noninverting Port
21
BBI-
Baseband In-Phase Inverting Port
23
RF
RF Port
25
BBQ-
Baseband Quadrature Inverting Port
26
BBQ+
Baseband Quadrature Noninverting Port
31
VCCLOQ2
Q-Channel 2nd LO Amplifier Supply Voltage. Bypass to GND with 33pF and 0.1µF
capacitors as close to the pin as possible.
33
VCCLOQ1
Q-Channel 1st LO Amplifier Supply Voltage. Bypass to GND with 33pF and 0.1µF
capacitors as close to the pin as possible.
EP
GND
Exposed Ground Paddle. The exposed paddle MUST be soldered to the ground plane
using multiple vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com