Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products MAX2021 Datasheet HTML 10Page - Maxim Integrated Products MAX2021 Datasheet HTML 11Page - Maxim Integrated Products MAX2021 Datasheet HTML 12Page - Maxim Integrated Products MAX2021 Datasheet HTML 13Page - Maxim Integrated Products MAX2021 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
High-Dynamic-Range, Direct Up-/Downconversion
750MHz to 1200MHz Quadrature Mod/Demod
______________________________________________________________________________________
11
R2, and R3. Tables 1 and 2 outline the performance
trade-offs that can be expected for various combina-
tions of these bias resistors. As noted within the tables,
the performance trade-offs may be more pronounced
for different operating frequencies. Contact the factory
for additional details.
Layout Considerations
A properly designed PC board is an essential part of
any RF/microwave circuit. Keep RF signal lines as short
as possible to reduce losses, radiation, and induc-
tance. For the best performance, route the ground pin
traces directly to the exposed pad under the package.
The PC board exposed paddle MUST be connected to
the ground plane of the PC board. It is suggested that
multiple vias be used to connect this pad to the lower-
level ground planes. This method provides a good
RF/thermal conduction path for the device. Solder the
exposed pad on the bottom of the device package to
the PC board. The MAX2021 evaluation kit can be used
as a reference for board layout. Gerber files are avail-
able upon request at www.maxim-ic.com.
Power-Supply Bypassing
Proper voltage-supply bypassing is essential for high-
frequency circuit stability. Bypass all VCC_ pins with
33pF and 0.1µF capacitors placed as close to the pins
as possible. The smallest capacitor should be placed
closest to the device.
To achieve optimum performance, use good voltage-
supply layout techniques. The MAX2021 has several RF
processing stages that use the various VCC_ pins, and
while they have on-chip decoupling, off-chip interaction
between them may degrade gain, linearity, carrier sup-
pression, and output power-control range. Excessive
coupling between stages may degrade stability.
Exposed Pad RF/Thermal Considerations
The EP of the MAX2021’s 36-pin thin QFN-EP package
provides a low thermal-resistance path to the die. It is
important that the PC board on which the IC is mounted
be designed to conduct heat from this contact. In addi-
tion, the EP provides a low-inductance RF ground path
for the device.
The exposed paddle (EP) MUST be soldered to a
ground plane on the PC board either directly or through
an array of plated via holes. An array of 9 vias, in a 3 x
3 array, is suggested. Soldering the pad to ground is
critical for efficient heat transfer. Use a solid ground
plane wherever possible.
Note: VCC = 5V, PLO = 0dBm, TA = +25°C, I/Q voltage levels = 1.4VP-P differential.
LO FREQ
(MHz)
RF FREQ
(MHz)
R1
(
Ω
Ω
Ω
Ω)
R2
(
Ω
Ω
Ω
Ω)
R3
(
Ω
Ω
Ω
Ω)
ICC
(mA)
OIP3
(dBm)
LO LEAK
(dBm)
IMAGE REJ
(dBc)
OIP2
(dBm)
420
620
330
271
19.6
-32.1
23.9
50.5
453
665
360
253
21.9
-32.7
34.0
51.0
499
698
402
229
18.9
-33.7
30.0
52.6
549
806
464
205
15.7
-34.4
23.7
46.0
800
801.8
650
1000
550
173
13.6
-34.2
23.3
32.3
420
620
330
271
20.7
-31.4
43.4
54.0
453
665
360
253
21.6
-31.6
42.4
55.4
499
698
402
229
20.6
-31.8
42.7
59.8
549
806
464
205
19.0
-31.9
40.3
50.7
900
901.8
650
1000
550
173
14.9
-30.5
25.0
34.6
420
620
330
271
22.4
-32.8
39.3
55.5
453
665
360
253
22.2
-33.2
39.1
56.3
499
698
402
229
19.9
-33.8
43.5
55.0
549
806
464
205
17.6
-34.8
40.5
51.4
1000
1001.8
650
1000
550
173
14.6
-33.9
36.8
32.8
Table 1. Typical Performance Trade-Offs as a Function of Current Draw—Modulator Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com