Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products MAX2021 Datasheet HTML 10Page - Maxim Integrated Products MAX2021 Datasheet HTML 11Page - Maxim Integrated Products MAX2021 Datasheet HTML 12Page - Maxim Integrated Products MAX2021 Datasheet HTML 13Page - Maxim Integrated Products MAX2021 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
High-Dynamic-Range, Direct Up-/Downconversion
750MHz to 1200MHz Quadrature Mod/Demod
12
______________________________________________________________________________________
LO FREQ
(MHz)
RF FREQ
(MHz)
R1
(
Ω
Ω
Ω
Ω)
R2
(
Ω
Ω
Ω
Ω)
R3
(
Ω
Ω
Ω
Ω)
ICC
(mA)
CONVERSION
LOSS (dB)
IIP3
(dBm)
57MHz IIP2
(dBm)
420
620
330
269
9.8
33.85
62.1
453
665
360
254
9.83
33.98
62.9
499
698
402
230
9.81
32.2
66.6
549
806
464
207
9.84
31.1
66.86
800
771
650
1000
550
173
9.95
29.87
65.25
420
620
330
269
9.21
33.1
68
453
665
360
254
9.25
33.9
66.87
499
698
402
230
9.36
34.77
66.7
549
806
464
207
9.39
35.3
66.6
900
871
650
1000
550
173
9.46
32
64.64
420
620
330
269
9.47
34.9
> 77.7
453
665
360
254
9.5
35.4
> 77.5
499
698
402
230
9.53
34.58
> 76.5
549
806
464
207
9.5
33.15
> 76.5
1000
971
650
1000
550
173
9.61
31.5
76
Table 2. Typical Performance Trade-Offs as a Function of Current Draw—Demodulator Mode
Note: Used on PC board 180° combiners and off PC board quadrature combiner with VCC = 5V, PRF = -3dBm, PLO = 0dBm, TA = +25°C,
IF1 = 28MHz, IF2 = 29MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com