Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products MAX2021 Datasheet HTML 10Page - Maxim Integrated Products MAX2021 Datasheet HTML 11Page - Maxim Integrated Products MAX2021 Datasheet HTML 12Page - Maxim Integrated Products MAX2021 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
High-Dynamic-Range, Direct Up-/Downconversion
750MHz to 1200MHz Quadrature Mod/Demod
signals to compensate for any changes in LO drive lev-
els. The two-stage LO amplifier allows a wide input
power range for the LO drive. The MAX2021 can toler-
ate LO level swings from -6dBm to +3dBm.
I/Q Modulator
The MAX2021 modulator is composed of a pair of
matched double-balanced passive mixers and a balun.
The I and Q differential baseband inputs accept signals
from DC to 300MHz with differential amplitudes up to
4VP-P. The wide input bandwidths allow operation of the
MAX2021 as either a direct RF modulator or as an
image-reject mixer. The wide common-mode compli-
ance range allows for direct interface with the base-
band DACs. No active buffer circuitry is required
between the baseband DACs and the MAX2021 for
cdma2000 and WCDMA applications.
The I and Q signals directly modulate the 0° and 90° LO
signals and are upconverted to the RF frequency. The out-
puts of the I and Q mixers are combined through a balun
to produce a singled-ended RF output.
Applications Information
LO Input Drive
The LO input of the MAX2021 is internally matched to
50
Ω, and requires a single-ended drive at a 750MHz to
1200MHz frequency range. An integrated balun con-
verts the singled-ended input signal to a differential sig-
nal at the LO buffer differential input. An external
DC-blocking capacitor is the only external part required
at this interface. The LO input power should be within
the -6dBm to +3dBm range. An LO input power of
-3dBm is recommended for best overall peformance.
Baseband I/Q Input Drive
Drive the MAX2021 I and Q baseband inputs differen-
tially for best performance. The baseband inputs have
a 53
Ω differential input impedance. The optimum
source impedance for the I and Q inputs is 100
Ω differ-
ential. This source impedance achieves the optimal sig-
nal transfer to the I and Q inputs, and the optimum
output RF impedance match. The MAX2021 can accept
input power levels of up to +20dBm on the I and Q
inputs. Operation with complex waveforms, such as
CDMA carriers or GSM signals, utilize input power lev-
els that are far lower. This lower power operation is
made necessary by the high peak-to-average ratios of
these complex waveforms. The peak signals must be
kept below the compression level of the MAX2021. The
input common-mode voltage should be confined to the
-3.5V to +3.5V DC range.
The MAX2021 is designed to interface directly with
Maxim high-speed DACs. This generates an ideal total
transmitter lineup, with minimal ancillary circuit elements.
Such DACs include the MAX5875 series of dual DACs,
and the MAX5895 dual interpolating DAC. These DACs
have ground-referenced differential current outputs.
Typical termination of each DAC output into a 50
Ω load
resistor to ground, and a 10mA nominal DC output cur-
rent results in a 0.5V common-mode DC level into the
modulator I/Q inputs. The nominal signal level provided
by the DACs will be in the -12dBm range for a single
CDMA or WCDMA carrier, reducing to -18dBm per car-
rier for a four-carrier application.
The I/Q input bandwidth is greater than 50MHz at
-0.1dB response. The direct connection of the DAC to
the MAX2021 ensures the maximum signal fidelity, with
no performance-limiting baseband amplifiers required.
The DAC output can be passed through a lowpass filter
to remove the image frequencies from the DAC’s output
response. The MAX5895 dual interpolating DAC can be
operated at interpolation rates up to x8. This has the
benefit of moving the DAC image frequencies to a very
high, remote frequency, easing the design of the base-
band filters. The DAC’s output noise floor and interpola-
tion filter stopband attenuation are sufficiently good to
ensure that the 3GPP noise floor requirement is met for
large frequency offsets, 60MHz for example, with no fil-
tering required on the RF output of the modulator.
Figure 1 illustrates the ease and efficiency of interfacing
the MAX2021 with a Maxim DAC, in this case the
MAX5895 dual 16-bit interpolating-modulating DAC.
MAX5895
DUAL 16-BIT INTERP DAC
RF MODULATOR
I/Q GAIN AND
OFFSET ADJUST
BBI
LO
BBQ
FREQ
50
Ω
50
Ω
FREQ
50
Ω
50
Ω
0
°
90
°
∑
MAX2021
Figure 1. MAX5895 DAC Interfaced with MAX2021
_______________________________________________________________________________________________________
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com