Electronic Components Datasheet Search
  English  ▼

X  

MAX8505EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8505EEE
Description  3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8505EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8505EEE Datasheet HTML 1Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX8505 step-down regulator operates from a 2.6V
to 5.5V input and generates an adjustable output voltage
from 0.8V to 0.85 ✕ VIN at up to 3A. With a 2.6V to 5.5V
bias supply, the input voltage can be as low as 2.25V.
The MAX8505 integrates power MOSFETs and
operates at 1MHz/500kHz switching frequency to
provide a compact design. Current-mode pulse-width-
modulated (PWM) control simplifies compensation with
ceramic or polymer output capacitors and provides
excellent transient response.
The MAX8505 features 1% accurate output over load,
line, and temperature variations. Adjustable soft-start is
achieved with an external capacitor. During the
soft-start period, the voltage-regulation loop is active.
This limits the voltage dip when the active devices,
such as microprocessors or ASICs connected to the
MAX8505’s output, apply a sudden load current step
upon passing their undervoltage thresholds.
The MAX8505 features current-limit, short-circuit, and
thermal-overload protection and enables a rugged
design. Open-drain power-OK (POK) monitors the
output voltage.
Applications
µP/ASIC/DSP/FPGA Core and I/O Supplies
Chipset Supplies
Server, RAID, and Storage Systems
Network and Telecom Equipment
Features
o Saves Space—4.9mm x 6mm Footprint, 1µH
Inductor, 47µF Ceramic Output Capacitor
o Input Voltage Range
2.6V to 5.5V
Down to 2.25V with Bias Supply
o 0.8V to 0.85 ✕ VIN, 3A Output
o Ceramic or Polymer Capacitors
o ±1% Output Accuracy Over Load, Line, and
Temperature
o Fast Transient Response
o Adjustable Soft-Start
o In-Regulation Soft-Start Limits Output-Voltage
Dips at Power-On
o POK Monitors Output Voltage
3A, 1MHz, 1% Accurate, Internal Switch
Step-Down Regulator with Power-OK
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2992; Rev 0; 10/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX8505EEE
-40
°C to +85°C
16 QSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
LX
LX
PGND
LX
PGND
GND
REF
FB
COMP
TOP VIEW
MAX8505
QSOP
IN
LX
VCC
IN
BST
POK
CTL
Pin Configuration
MAX8505
INPUT
2.6V TO 5.5V
ENABLE
POWER-OK
OUTPUT
0.8V TO
0.85 x VIN
3A
BST
IN
VCC
CTL
POK
GND
REF
COMP
FB
PGND
LX
Typical Operating Circuit
Functional Diagram appears at end of data sheet.
m
x 4.9 m
16
-QSOP
EVALUATION
KIT AVAILABLE


Similar Part No. - MAX8505EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8505EEE+ MAXIM-MAX8505EEE+ Datasheet
220Kb / 15P
3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
2010
More results

Similar Description - MAX8505EEE

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7093 ANPEC-APW7093 Datasheet
728Kb / 20P
3A, 1MHz, Step Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX1945R MAXIM-MAX1945R Datasheet
848Kb / 19P
1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators
Rev 1; 7/04
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
logo
HTC Korea TAEJIN Techno...
TJ6713DP HTC-TJ6713DP Datasheet
280Kb / 10P
1MHz, 3A Synchronous Step-Down Switching Voltage Regulator
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
G5719B GMT-G5719B Datasheet
73Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6173 FEELING-FP6173 Datasheet
380Kb / 13P
1MHz, 3A Synchronous Step-Down Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
Maxim Integrated Produc...
MAX8505 MAXIM-MAX8505_V01 Datasheet
220Kb / 15P
3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
2010
logo
Richtek Technology Corp...
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com