Electronic Components Datasheet Search
  English  ▼

X  

MAX8505EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8505EEE
Description  3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8505EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8505EEE Datasheet HTML 1Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3A, 1MHz, 1% Accurate, Internal Switch
Step-Down Regulator with Power-OK
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VCC = VCTL = +3.3V, VFB = 0.8V, VCOMP = 1.25V, CREF = 0.01µF, TA = 0°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
COMP Clamp Voltage, Low
VIN = VCC = 2.6V, 3.3V, 5.5V, VFB = 0.9V
0.45
0.75
1.00
V
COMP Clamp Voltage, High
VIN = VCC = 2.6V, 3.3V, 5.5V, VFB = 0.7V
1.7
1.9
2.1
V
COMP Shutdown Resistance
From COMP to GND, VCTL = 0V
13
100
Ω
LX (All LX Outputs Connected Together)
VIN = VBST - VLX = 3.3V
38
74
LX On-Resistance, High
VIN = VBST - VLX = 2.6V
42
m
Ω
VIN = VBST - VLX = 3.3V
38
74
LX On-Resistance, Low
VIN = VBST - VLX = 2.6V
42
m
Ω
LX Current-Sense Transresistance
RT
From LX to COMP
0.068
0.086
0.104
Ω
Sourcing, Typical Application Circuit
4.6
5.6
6.6
LX Current-Limit Threshold
Sinking, VIN = VCC = 2.6V to 5.5V
-4.3
-2.6
-1.0
A
LX = 5.5V
100
LX Leakage Current
VIN = VCC = 5.5V,
VCTL = 0
LX = 0V
-100
µA
CTL = VCC
0.85
1
1.15
LX Switching Frequency
VIN = VCC = 2.6V, 3.3V,
5.5V
CTL = 2/3VCC
0.44
0.5
0.56
MHz
LX Minimum Off-Time
VIN = VCC = 2.6V, 3.3V, 5.5V
95
110
135
ns
500kHz
90
94
LX Maximum Duty Cycle
VIN = VCC = 2.6V, 3.3V,
5.5V
1MHz
84
89
%
500kHz
5
8
LX Minimum Duty Cycle
VIN = VCC = 2.6V, 3.3V,
5.5V
1MHz
10
15
%
SLOPE COMPENSATION
Slope Compensation
Extrapolated to 100% duty cycle
245
300
400
mV
BST
VLX = 5.5V
10
VLX = 0V
10
BST Shutdown Supply Current
(VBST - VLX) = VIN =
VCC = 5.5V, VCTL = 0
LX open
10
µA
CTL
For 1MHz
80
For 500kHz
55
70
CTL Input Threshold
VIN = VCC = 2.6V,
3.3V, 5.5V
For shutdown
45
% of
VCC
CTL Input Current
VCTL = 0V or 5.5V, VIN = VCC = 5.5V
-1
+1
µA
POK (Power-OK)
POK Output Voltage, Low
VFB = 0.6V or 1.0V, IPOK = 2mA
25
100
mV
POK Leakage Current
VPOK = 5.5V
0.001
1
µA
POK Fault Delay Time
From FB to POK, any threshold
25
50
100
µs
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
When LX stops switching
TJ rising
+170
°C
Thermal-Shutdown Hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com