Electronic Components Datasheet Search
  English  ▼

X  

MAX8505EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8505EEE
Description  3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8505EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8505EEE Datasheet HTML 1Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3A, 1MHz, 1% Accurate, Internal Switch
Step-Down Regulator with Power-OK
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VIN = VCC = VCTL = +3.3V, VFB = 0.8V, VCOMP = 1.25V, CREF = 0.01µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN AND VCC
IN Voltage Range
VIN
2.25
VCC
V
VCC Voltage Range
2.6
5.5
V
IN Supply Current
IIN
Switching with no load
VIN = 3.3V
10
mA
VCC Supply Current
ICC
Switching with no load
VCC = 3.3V
10
mA
Total Shutdown Current into IN
and VCC
ISHDN
VIN = VCC = VBST - VLX = 5.5V, VCTL = 0V,
VLX = 0
50
µA
VCC rising
2.55
VCC Undervoltage Lockout
Threshold
UVLOth
When LX starts/stops
switching
VCC falling
2.2
V
REF
REF Voltage
VREF
IREF = 0µA, VIN = VCC = 2.6V to 5.5V
0.791
0.808
V
REF Shutdown Resistance
From REF to GND, VCTL = 0V
100
Ω
REF Soft-Start Current
VREF = 0.4V
20
30
µA
FB
FB Regulation Voltage
VFB
VIN = 2.6V to 5.5V
0.791
0.808
V
FB Input Bias Current
VFB = 0.7V
0.1
µA
Maximum Output Current
IOUT_MAX
VIN = VCC = 3.3V, VOUT = 1.2V,
L = 1µH/5.9m
Ω (Note 1)
3A
FB high
10.5
13.5
FB Threshold for POK Transition
FB rising or falling
FB low
-13.5
-10.5
%
COMP
COMP Transconductance
From FB to COMP
60
160
µS
COMP Clamp Voltage, Low
VIN = VCC = 2.6V, 3.3V, 5.5V, VFB = 0.9V
0.45
1.00
V
COMP Clamp Voltage, High
VIN = VCC = 2.6V, 3.3V, 5.5V, VFB = 0.7V
1.7
2.1
V
COMP Shutdown Resistance
From COMP to GND, VCTL = 0V
100
Ω
LX (All LX Outputs Connected Together)
LX On-Resistance, High
VIN = VBST - VLX = 3.3V
74
m
Ω
LX On-Resistance, Low
VIN = VBST - VLX = 3.3V
74
m
Ω
LX Current-Sense Transresistance
RT
From LX to COMP
0.068
0.104
Ω
Sourcing, Typical Application Circuit
4.6
5.6
LX Current-Limit Threshold
Sinking, VIN = VCC = 2.6V to 5.5V
-4.3
-1.0
A
LX = 5.5V
100
LX Leakage Current
VIN = VCC = 5.5V,
VCTL = 0
LX = 0V
-100
µA
CTL = VCC
0.85
1.15
LX Switching Frequency
VIN = VCC = 2.6V,
3.3V, 5.5V
CTL = 2/3 ✕ VCC
0.44
0.56
MHz
LX Minimum Off-Time
VIN = VCC = 2.6V, 3.3V, 5.5V
95
135
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com