Electronic Components Datasheet Search
  English  ▼

X  

MAX8505EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8505EEE
Description  3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8505EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8505EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 9Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 10Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 11Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 12Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 13Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 14Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Applications Information
PC Board Layout Considerations
Careful PC board layout is critical to achieve clean and
stable operation. The switching power stage requires
particular attention. Follow these guidelines for good
PC board layout:
1) Place decoupling capacitors as close to the IC as
possible. Keep power ground plane (connected to
PGND) and signal ground plane (connected to
GND) separate.
2) Connect input and output capacitors to the power
ground plane; connect all other capacitors to the
signal ground plane.
3) Keep the high-current paths as short and wide as
possible. Keep the path of switching current short
and minimize the loop area formed by the high-side
MOSFET, the low-side MOSFET, and the input
capacitors. Avoid vias in the switching paths.
4) If possible, connect IN, LX, and PGND separately to
a large copper area to help cool the IC to further
improve efficiency and long-term reliability.
5) Ensure all feedback connections are short and
direct. Place the feedback resistors as close to the
IC as possible.
6) Route high-speed switching nodes away from sen-
sitive analog areas (FB, COMP).
Chip Information
TRANSISTOR COUNT: 3352
PROCESS: BiCMOS
3A, 1MHz, 1% Accurate, Internal Switch
Step-Down Regulator with Power-OK
______________________________________________________________________________________
13
MAX8505
VIN
2.6V TO 5.5V
POWER-OK
VOUT
1.2V
BST
IN
VCC
CTL
POK
GND
REF
COMP
FB
PGND
LX
C2
2 x 22
µF
(10V CERAMIC)
COUT
47
µF
(6.3V CERAMIC)
L1
1
µH
(FDV3H-IRON)
R7
10
Ω
R2
11.3k
Ω
R3
22.6k
Ω
R1
51k
Ω
C7
0.1
µF
D1
(CENTRAL CMOSH-3)
R6
20k
Ω
C5
0.1
µF
C6
0.01
µF
C8
220pF
C9
3300pF
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com