Electronic Components Datasheet Search
  English  ▼

X  

MIC5201 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5201
Description  150 mA Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5201 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5201 Datasheet HTML 1Page - Microchip Technology MIC5201 Datasheet HTML 2Page - Microchip Technology MIC5201 Datasheet HTML 3Page - Microchip Technology MIC5201 Datasheet HTML 4Page - Microchip Technology MIC5201 Datasheet HTML 5Page - Microchip Technology MIC5201 Datasheet HTML 6Page - Microchip Technology MIC5201 Datasheet HTML 7Page - Microchip Technology MIC5201 Datasheet HTML 8Page - Microchip Technology MIC5201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005718D-page 3
MIC5201
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Input Voltage (VIN) Fixed................................................................................................................. –20V to +60V
Supply Input Voltage (VIN) Adjustable......................................................................................................... –20V to +20V
Enable Input Voltage (VEN) Fixed ............................................................................................................... –20V to +60V
Enable Input Voltage (VEN) Adjustable ....................................................................................................... –20V to +20V
Power Dissipation (Note 1) .................................................................................................................... Internally Limited
Operating Ratings ‡
Supply Input Voltage (VIN) Fixed................................................................................................................ +2.5V to +26V
Supply Input Voltage (VIN) Adjustable........................................................................................................ +2.5V to +16V
Enable Input Voltage (VEN) .................................................................................................................................0V to VIN
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the
junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable
power dissipation at any ambient temperature is calculated using: P(MAX) = (TJ(MAX) – TA) ÷ θJA. Exceeding
the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go
into thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com