Electronic Components Datasheet Search
  English  ▼

X  

MIC5201 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC5201
Description  150 mA Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5201 Datasheet(HTML) 5 Page - Microchip Technology

  MIC5201 Datasheet HTML 1Page - Microchip Technology MIC5201 Datasheet HTML 2Page - Microchip Technology MIC5201 Datasheet HTML 3Page - Microchip Technology MIC5201 Datasheet HTML 4Page - Microchip Technology MIC5201 Datasheet HTML 5Page - Microchip Technology MIC5201 Datasheet HTML 6Page - Microchip Technology MIC5201 Datasheet HTML 7Page - Microchip Technology MIC5201 Datasheet HTML 8Page - Microchip Technology MIC5201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005718D-page 5
MIC5201
Reference (MIC5201 Adjustable Version Only)
Reference Voltage
VREF
1.223
1.242
1.255
V
—
1.217
—
1.267
Reference Voltage
Temperature Coefficient
ΔVREF/ΔT
—
20
—
ppm/°C Note 7
Note 1: Specification for packaged product only. Devices are ESD sensitive. Handling precautions recommended.
2: Output voltage temperature coefficient is defined as the worst-case voltage change divided by the total
temperature range.
3: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are
tested for load regulation in the load range from 0.1 mA to 150 mA. Changes in output voltage due to heat-
ing effects are covered by the thermal regulation specification.
4: Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
5: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current
drawn from the supply is the sum of the load current plus the ground pin current.
6: Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipa-
tion is applied, excluding load or line regulation effects. Specifications are for a 150 mA load pulse at VIN =
26V for fixed and VIN = 16V for adjustable at t = 10 ms.
7: Design guidance only. Not production tested.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = VOUT + 1V; IL = 100 μA; CL = 3.3 μF; VEN ≥ 2.0V; TJ = +25°C, bold values indicate
–40°C ≤ TJ ≤ +85°C; unless noted. (Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Junction Temperature Range
TJ
–40
—
+85
°C
—
Lead Temperature
—
—
—
+260
°C
Soldering, 5 sec.
Package Thermal Resistance
Thermal Resistance SOT-223
θJC
—
15
—
°C/W
See Thermal
Considerations Layout
for more information.
θJA
—
62
—
Thermal Resistance 8-Lead SOIC
θJA
—
160
—
°C/W
See Thermal
Considerations Layout
for more information.
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +85°C rating. Sustained junction temperatures above +85°C can impact the device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com