Electronic Components Datasheet Search
  English  ▼

X  

MIC5201 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5201
Description  150 mA Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5201 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5201 Datasheet HTML 1Page - Microchip Technology MIC5201 Datasheet HTML 2Page - Microchip Technology MIC5201 Datasheet HTML 3Page - Microchip Technology MIC5201 Datasheet HTML 4Page - Microchip Technology MIC5201 Datasheet HTML 5Page - Microchip Technology MIC5201 Datasheet HTML 6Page - Microchip Technology MIC5201 Datasheet HTML 7Page - Microchip Technology MIC5201 Datasheet HTML 8Page - Microchip Technology MIC5201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005718D-page 1
MIC5201
Features
• AEC-Q100 for Fixed Option
• High Output Voltage Accuracy
• Variety of Output Voltages
• Ensured 150 mA Output
• Low Quiescent Current
• Low Dropout Voltage
• Extremely Tight Load and Line Regulation
• Very Low Temperature Coefficient
• Current and Thermal Limiting
• Reversed-Battery Protection
• Load-Dump Protection (Fixed Voltage Versions)
• Zero Off-Mode Current
• Logic-Controlled Electronic Enable
• Available in SOIC-8 and SOT-223 Packages
Applications
• Cellular Telephones
• Laptop, Notebook, and Palmtop Computers
• Battery Powered Equipment
• PCMCIA VCC and VPP Regulation/Switching
• Barcode Scanners
• SMPS Post-Regulator and DC/DC Modules
• High-Efficiency Linear Power Supplies
General Description
The MIC5201 is an efficient linear voltage regulator
with very low dropout voltage (typically 17 mV at light
loads and 200 mV at 100 mA), and very low ground
current (1 mA at 100 mA output), offering better than
1% initial accuracy with a logic compatible on-off
switching input.
Designed especially for hand-held battery powered
devices, the MIC5201 can be switched by a CMOS
enable signal. This enable control may be connected
directly to VIN if unneeded. When disabled, power
consumption drops nearly to zero. The ground current
of the MIC5201 increases only slightly in dropout,
further prolonging battery life. Key MIC5201 features
include current limiting, overtemperature shutdown,
and protection against reversed battery.
The MIC5201 is available in several fixed voltages and
accuracy configurations. It features the same pinout as
the LT1121 with better performance. Other options are
available; contact Microchip for details.
Package Types
MIC5201 (ADJ.)
8-Lead SOIC (M)
1
2
3
4
8
7
6
5
IN
NC
NC
EN
OUT
ADJ
GND
NC
1
2
3
4
8
7
6
5
IN
NC
NC
EN
OUT
NC
GND
NC
MIC5201 (FIXED)
8-Lead SOIC (M)
IN
OUT
GND
13
2
TAB
GND
MIC5201 (FIXED)
SOT-223 (S)
150 mA Low Dropout Regulator


Similar Part No. - MIC5201

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
200mA Low-Dropout Voltage Regulator
MIC5201-3.0BM MICREL-MIC5201-3.0BM Datasheet
132Kb / 12P
200mA Low-Dropout Voltage Regulator
MIC5201-3.0BM MICREL-MIC5201-3.0BM Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
MIC5201-3.0BM MICREL-MIC5201-3.0BM Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
MIC5201-3.0BS MICREL-MIC5201-3.0BS Datasheet
132Kb / 12P
200mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC5201

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
150 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
150-mA Low Noise, Low Dropout Regulator
22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP103 ONSEMI-NCP103_16 Datasheet
676Kb / 15P
150 mA CMOS Low Dropout Regulator
September, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com