Electronic Components Datasheet Search
  English  ▼

X  

MIC5201 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5201
Description  150 mA Low Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5201 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5201 Datasheet HTML 1Page - Microchip Technology MIC5201 Datasheet HTML 2Page - Microchip Technology MIC5201 Datasheet HTML 3Page - Microchip Technology MIC5201 Datasheet HTML 4Page - Microchip Technology MIC5201 Datasheet HTML 5Page - Microchip Technology MIC5201 Datasheet HTML 6Page - Microchip Technology MIC5201 Datasheet HTML 7Page - Microchip Technology MIC5201 Datasheet HTML 8Page - Microchip Technology MIC5201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MIC5201
DS20005718D-page 4
2017 - 2022 Microchip Technology Inc. and its subsidiaries
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = VOUT + 1V; IL = 100 μA; CL = 3.3 μF; VEN ≥ 2.0V; TJ = +25°C, bold values indicate
–40°C ≤ TJ ≤ +85°C; unless noted. (Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
VO
–2
2
%
Variation from specified VOUT
Output Voltage
Temperature Coefficient
ΔVO/ΔT
40
150
ppm/°C Note 2
Line Regulation, Fixed
ΔVO/VO
0.004
0.20
%
VIN = VOUT + 1V to 26V
0.40
Line Regulation,
Adjustable
ΔVO/VO
0.004
0.20
%
VIN = VOUT + 1V to 16V
0.40
Load Regulation
ΔVO/VO
0.04
0.30
%
IL = 0.1 mA to 150 mA, Note 3
0.40
Dropout Voltage, Note 4
VIN – VO
17
mV
IL = 100 µA, Note 7
130
IL = 20 mA, Note 7
180
IL = 50 mA, Note 7
225
IL = 100 mA, Note 7
270
400
IL = 150 mA
Quiescent Current
IGND
0.01
µA
VENABLE ≤ 0.5V (shutdown), Note 7
Ground Pin Current
IGND
130
µA
IL = 100 µA, Note 7
270
400
IL = 20 mA
500
IL = 50 mA, Note 7
1000
2000
IL = 100 mA
3000
IL = 150 mA, Note 7
Ripple Rejection
PSRR
75
dB
f = 100 Hz, IL = 1 mA, Note 7
Ground Pin Current at
Dropout
IGDNDO
270
330
µA
VIN = 0.5V less than specified VOUT,
IL = 100 µA, Note 5
Current Limit
ILIMIT
280
500
mA
VOUT = 0V
Thermal Regulation
ΔVO/ΔPD
0.05
%/W
Note 6
Output Noise
en
100
µV
Note 7
Enable Input
Input Voltage Level
VIL
0.5
V
Logic low (off)
Input Voltage Level
VIH
2.0
V
Logic high (on)
Enable Input Current
IIL
0.01
1
µA
VIL ≤ 0.5V
Enable Input Current
IIH
15
70
µA
VIH ≥ 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com