Electronic Components Datasheet Search
  English  ▼

X  

MIC5212 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC5212
Description  Dual 500 mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5212 Datasheet(HTML) 5 Page - Microchip Technology

  MIC5212 Datasheet HTML 1Page - Microchip Technology MIC5212 Datasheet HTML 2Page - Microchip Technology MIC5212 Datasheet HTML 3Page - Microchip Technology MIC5212 Datasheet HTML 4Page - Microchip Technology MIC5212 Datasheet HTML 5Page - Microchip Technology MIC5212 Datasheet HTML 6Page - Microchip Technology MIC5212 Datasheet HTML 7Page - Microchip Technology MIC5212 Datasheet HTML 8Page - Microchip Technology MIC5212 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005774B-page 5
MIC5212
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
MIC5212-3.3 PSRR 150 mA
Load.
FIGURE 2-2:
MIC5212-3.3 PSRR 500 mA
Load.
FIGURE 2-3:
MIC5212-2.5 PSRR 150 mA
Load.
FIGURE 2-4:
MIC5212-2.5 PSRR 500 mA
Load.
FIGURE 2-5:
Ground Current vs.
Temperature.
FIGURE 2-6:
Short Circuit Current vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
C
OUT = 10μF Tantulum
V
IN = 4.3V
V
OUT = 3.3V
V
IN = VOUT + 1V
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
C
OUT = 10μF Tantulum
V
IN = 4.3V
V
OUT = 3.3V
V
IN = VOUT + 1V
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
C
OUT = 10μF Tantulum
V
IN = 4.3V
V
OUT = 3.3V
V
IN = VOUT + 1V
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
FREQUENCY (Hz)
C
OUT = 10μF Tantulum
V
IN = 4.3V
V
OUT = 3.3V
V
IN = VOUT + 1V
10
100
1k
10k
100k
1M
0
2
4
6
8
10
12
14
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
500mA
150mA
100
μA
300mA
0
100
200
300
400
500
600
700
800
-40 -20 0
20406080 100 120
TEMPERATURE (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com