Electronic Components Datasheet Search
  English  ▼

X  

MIC5212 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC5212
Description  Dual 500 mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5212 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC5212 Datasheet HTML 10Page - Microchip Technology MIC5212 Datasheet HTML 11Page - Microchip Technology MIC5212 Datasheet HTML 12Page - Microchip Technology MIC5212 Datasheet HTML 13Page - Microchip Technology MIC5212 Datasheet HTML 14Page - Microchip Technology MIC5212 Datasheet HTML 15Page - Microchip Technology MIC5212 Datasheet HTML 16Page - Microchip Technology MIC5212 Datasheet HTML 17Page - Microchip Technology MIC5212 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005774B-page 15
MIC5212
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5212-SJYM:
Dual 500 mA LDO Regulator,
3.3V Output Voltage,
2.5V Output Voltage,
–40°C to +125°C
Temperature Range, 8-Lead
SOIC, 95/Tube
b) MIC5212-SJYM-TR: Dual 500 mA LDO Regulator,
3.3V Output Voltage,
2.5V Output Voltage,
–40°C to +125°C
Temperature Range, 8-Lead
SOIC, 2,500/Reel
Device:
MIC5212:
Dual 500 mA LDO Regulator
First Output
Voltage:
S
= 3.3V
Second Output
Voltage:
J
= 2.5V
Temperature
Range:
Y
=
–40C to +125C (RoHS Compliant)
Package:
M
=
8-Lead SOIC
Media Type:
TR
=
2,500/Reel
<blank>=
95/Tube
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
-X
X
X
X
-XX
Part No.
First Output
Voltage
Second Output
Voltage
Temp.
Range
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com