Electronic Components Datasheet Search
  English  ▼

X  

MIC5212 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC5212
Description  Dual 500 mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5212 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC5212 Datasheet HTML 6Page - Microchip Technology MIC5212 Datasheet HTML 7Page - Microchip Technology MIC5212 Datasheet HTML 8Page - Microchip Technology MIC5212 Datasheet HTML 9Page - Microchip Technology MIC5212 Datasheet HTML 10Page - Microchip Technology MIC5212 Datasheet HTML 11Page - Microchip Technology MIC5212 Datasheet HTML 12Page - Microchip Technology MIC5212 Datasheet HTML 13Page - Microchip Technology MIC5212 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MIC5212
DS20005774B-page 10
2017 - 2022 Microchip Technology Inc. and its subsidiaries
during operation of the device. To prevent this
maximum junction temperature from being exceeded,
the appropriate ground plane heat sink must be used.
FIGURE 4-2:
Copper Area vs. Power-SO
Power Dissipation (ΔTJA).
Figure 4-2 shows copper area versus power
dissipation with each trace corresponding to a different
temperature rise above ambient.
From these curves, the minimum area of copper
necessary for the part to operate safely can be
determined. The maximum allowable temperature rise
must be calculated to determine operation along which
curve.
EQUATION 4-1:
For example, the maximum ambient temperature is
50°C, the ΔT is determined as shown in Equation 4-2.
EQUATION 4-2:
Using Figure 4-2, the minimum amount of required
copper can be determined based on the required
power dissipation.
Power dissipation in a linear regulator is calculated as
shown in Equation 4-3.
EQUATION 4-3:
With a common 5V input, a 3.3V, 300 mA output on
LDO 1 and a 2.5V, 150 mA output on LDO 2, power
dissipation is as follows:
EQUATION 4-4:
From Figure 4-2, the minimum amount of copper
required to operate this application at a ΔT of 75°C is
500 mm2.
4.4.2
QUICK METHOD
Determine the power dissipation requirements for the
design along with the maximum ambient temperature
at which the device will be operated. Refer to
Figure 4-3, which shows safe operating curves for
three different ambient temperatures: 25°C, 50°C and
85°C. From these curves, the minimum amount of
copper can be determined by knowing the maximum
power dissipation required. If the maximum ambient
temperature is 50°C and the power dissipation is as
above, 920 mW, the curve in Figure 4-3 shows that the
required area of copper is 500 mm2.
The θJA of this package is ideally 63°C/W, but it will
vary depending upon the availability of copper ground
plane to which it is attached.
FIGURE 4-3:
Copper Area vs. Power-SO
Power Dissipation (TA).
Where:
TJ(max)
= 125°C
TA(max)
= Maximum ambient operating
temperature
ΔT
=
125°C – 50°C
ΔT
=
75°C
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
T
TJ max
TA max
–
=
PD
VIN1 VOUT1
–
IOUT1
VIN1
+
IGND1
VIN2 VOUT2
–
+
IOUT2 VIIN2
+
IGND2
=
PD
=
PD
=
0.919W
5V 3.3V
–
300mA
5V
+
5mA
5V 2.5V
–
+
150mA
5V
+
1.8mA
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
85
°C
50
°C 25°C
T
J
= 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com