Electronic Components Datasheet Search
  English  ▼

X  

MIC5212 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC5212
Description  Dual 500 mA LDO Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5212 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC5212 Datasheet HTML 5Page - Microchip Technology MIC5212 Datasheet HTML 6Page - Microchip Technology MIC5212 Datasheet HTML 7Page - Microchip Technology MIC5212 Datasheet HTML 8Page - Microchip Technology MIC5212 Datasheet HTML 9Page - Microchip Technology MIC5212 Datasheet HTML 10Page - Microchip Technology MIC5212 Datasheet HTML 11Page - Microchip Technology MIC5212 Datasheet HTML 12Page - Microchip Technology MIC5212 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005774B-page 9
MIC5212
4.0
DEVICE OVERVIEW
4.1
Input Capacitor
A 1 μF capacitor should be placed from IN to GND if
there is more than 10 inches of wire between the input
and the AC filter capacitor or if a battery is used as the
input.
4.2
Output Capacitor
An output capacitor is required between OUT and GND
to
prevent
oscillation.
1.0 μF
minimum
is
recommended. Larger values improve the regulator’s
transient response. The output capacitor value may be
increased without limit.
The output capacitor should have an ESR (Effective
Series Resistance) of about 5Ω or less and a resonant
frequency above 1 MHz. Ultra-low-ESR capacitors
may cause a low-amplitude oscillation and/or
underdamped transient response. Most tantalum or
aluminum electrolytic capacitors are adequate; film
types will work, but are more expensive. Since many
aluminum electrolytic capacitors have electrolytes that
freeze at about –30°C, solid tantalum capacitors are
recommended for operation below –25°C.
At lower values of output current, less output
capacitance is required for output stability. The
capacitor can be reduced to 0.47 μF for current below
10 mA or 0.33 μF for currents below 1 mA.
4.3
No-Load Stability
The MIC5212 will remain stable and in regulation with
no load (other than the internal voltage divider) unlike
many other voltage regulators. This is especially
important in CMOS RAM keep-alive applications.
4.4
Dual-Supply Operation
When used in dual supply systems where the regulator
load is returned to a negative supply, the output voltage
must be diode clamped to ground.
4.4.1
POWER SO-8 THERMAL
CHARACTERISTICS
One of the secrets of the MIC5212’s performance is its
power SO-8 package featuring half the thermal
resistance of a standard SO-8 package. Lower thermal
resistance means more output current or higher input
voltage for a given package size.
Lower thermal resistance is achieved by joining the
four ground leads with the die attach paddle to create a
single-unit electrical and thermal conductor. This
concept has been used by MOSFET manufacturers for
years, proving very reliable and cost effective for the
user.
Thermal resistance consists of two main elements, θJC
(junction-to-case thermal resistance) and θCA
(case-to-ambient thermal resistance). See Figure 4-1.
θJC is the resistance from the die to the leads of the
package. θCA is the resistance from the leads to the
ambient air and it includes θCS (case-to-sink thermal
resistance) and θSA (sink-to-ambient thermal
resistance).
FIGURE 4-1:
Thermal Resistance.
Using the power SO-8 reduces the θJC dramatically
and allows the user to reduce θCA. The total thermal
resistance,
θJA
(junction-to-ambient
thermal
resistance) is the limiting factor in calculating the
maximum power dissipation capability of the device.
Typically, the power SO-8 has a θJC of 20°C/W, this is
significantly lower than the standard SO-8 which is
typically 75°C/W. θCA is reduced because pins 5
through 8 can now be soldered directly to a ground
plane which significantly reduces the case-to-sink
thermal resistance and sink to ambient thermal
resistance.
These low dropout linear regulators are rated to a
maximum junction temperature of 125°C. It is important
not to exceed this maximum junction temperature
θ
JA
θ
JC
θ
CA
printed circuit board
ground plane
heat sink area
SO-8
AMBIENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com