Electronic Components Datasheet Search
  English  ▼

X  

MIC5252 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC5252
Description  150 mA High PSRR, Low Noise 關Cap CMOS LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5252 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC5252 Datasheet HTML 14Page - Microchip Technology MIC5252 Datasheet HTML 15Page - Microchip Technology MIC5252 Datasheet HTML 16Page - Microchip Technology MIC5252 Datasheet HTML 17Page - Microchip Technology MIC5252 Datasheet HTML 18Page - Microchip Technology MIC5252 Datasheet HTML 19Page - Microchip Technology MIC5252 Datasheet HTML 20Page - Microchip Technology MIC5252 Datasheet HTML 21Page - Microchip Technology MIC5252 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
2021 - 2022 Microchip Technology Inc.
DS20006579B-page 19
MIC5252
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5252-1.8YM5-TR: MIC5252, 1.8V Output
Voltage, –40°C to +125°C
Temp. Range, SOT-23-5,
5000/Reel
b) MIC5252-2.85YM5-TR: MIC5252, 2.85V Output
Voltage, –40°C to +125°C
Temp. Range, SOT-23-5,
5000/Reel
c) MIC5252-4.75YM5-TR: MIC5252, 4.75V Output
Voltage, –40°C to +125°C
Temp. Range, SOT-23-5,
5000/Reel
d) MIC5252-1.5YML-TR: MIC5252, 1.5V Output
Voltage, –40°C to +125°C
Temp. Range, 6-Lead 2x2
VDFN, 5000/Reel
e) MIC5252-3.0YML-TR: MIC5252, 3.0V Output
Voltage, –40°C to +125°C
Temp. Range, 6-Lead 2x2
VDFN, 5000/Reel
Device:
MIC5252:
150 mA High PSRR, Low Noise μCap
CMOS LDO
Output Voltage:
-1.5
= 1.5V
-1.8
= 1.8V
-2.5
= 2.5V
-2.8
= 2.8V
-2.85 = 2.85V
-3.0
= 3.0V
-4.75 = 4.75V
Junction
Temperature
Range:
Y
=
–40°C to +125°C
Package:
M5 =
SOT-23-5
ML =
6-Lead 2x2 VDFN
Media Type:
-TR
= 5000/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
PART No.
-
X.XX
X
XX
-XX
Device
Output
Voltage
Junction Temp.
Range
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com