Electronic Components Datasheet Search
  English  ▼

X  

MIC5252 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC5252
Description  150 mA High PSRR, Low Noise 關Cap CMOS LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5252 Datasheet(HTML) 5 Page - Microchip Technology

  MIC5252 Datasheet HTML 1Page - Microchip Technology MIC5252 Datasheet HTML 2Page - Microchip Technology MIC5252 Datasheet HTML 3Page - Microchip Technology MIC5252 Datasheet HTML 4Page - Microchip Technology MIC5252 Datasheet HTML 5Page - Microchip Technology MIC5252 Datasheet HTML 6Page - Microchip Technology MIC5252 Datasheet HTML 7Page - Microchip Technology MIC5252 Datasheet HTML 8Page - Microchip Technology MIC5252 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
2021 - 2022 Microchip Technology Inc.
DS20006579B-page 5
MIC5252
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
PSRR with Bypass Variation
(VIN = VOUT + 0.3V ).
FIGURE 2-2:
PSRR with Bypass Cap
Variation (VIN = VOUT + 1V ).
FIGURE 2-3:
PSRR with Load Variation.
FIGURE 2-4:
PSRR at 100 Hz.
FIGURE 2-5:
Output Voltage vs. Load
Current.
FIGURE 2-6:
Output Voltage vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com