Electronic Components Datasheet Search
  English  ▼

X  

MIC5252 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC5252
Description  150 mA High PSRR, Low Noise 關Cap CMOS LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5252 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC5252 Datasheet HTML 11Page - Microchip Technology MIC5252 Datasheet HTML 12Page - Microchip Technology MIC5252 Datasheet HTML 13Page - Microchip Technology MIC5252 Datasheet HTML 14Page - Microchip Technology MIC5252 Datasheet HTML 15Page - Microchip Technology MIC5252 Datasheet HTML 16Page - Microchip Technology MIC5252 Datasheet HTML 17Page - Microchip Technology MIC5252 Datasheet HTML 18Page - Microchip Technology MIC5252 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
2021 - 2022 Microchip Technology Inc.
DS20006579B-page 15
MIC5252
Microchip Technology Drawing C04-1016A Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.65 BSC
0.203 REF
0.75
0.30
0.20
0.80
0.00
0.25
0.35
0.80
0.85
0.02
2.00 BSC
MILLIMETERS
MIN
NOM
6
0.85
0.40
0.30
0.90
0.05
MAX
K-
0.20
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
6-Lead Very Thin Plastic Dual Flat, No Lead Package (JDA) - 2x2 mm Body [VDFN]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Micrel Legacy Package
Overall Length
Exposed Pad Length
D
D2
1.35
2.00 BSC
1.40
1.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com