Electronic Components Datasheet Search
  English  ▼

X  

MIC5252 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC5252
Description  150 mA High PSRR, Low Noise 關Cap CMOS LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5252 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC5252 Datasheet HTML 6Page - Microchip Technology MIC5252 Datasheet HTML 7Page - Microchip Technology MIC5252 Datasheet HTML 8Page - Microchip Technology MIC5252 Datasheet HTML 9Page - Microchip Technology MIC5252 Datasheet HTML 10Page - Microchip Technology MIC5252 Datasheet HTML 11Page - Microchip Technology MIC5252 Datasheet HTML 12Page - Microchip Technology MIC5252 Datasheet HTML 13Page - Microchip Technology MIC5252 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MIC5252
DS20006579B-page 10
2021 - 2022 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
4.1
Enable Shutdown
The MIC5252 comes with an active-high enable pin
that allows the regulator to be disabled. Forcing the
enable pin low disables the regulator and sends it into
a “zero” off-mode-current state. In this state, current
consumed by the regulator goes nearly to zero. Forcing
the enable pin high enables the output voltage. This
part is CMOS and the enable pin cannot be left floating;
a floating enable pin may cause an indeterminate state
on the output.
4.2
Input Capacitor
The MIC5252 is a high performance, high bandwidth
device. Therefore, it requires a well-bypassed input
supply for optimal performance. A 1 μF capacitor is
required from the input to ground to provide stability.
Low-ESR ceramic capacitors provide optimal
performance at a minimum of space. Additional
high-frequency capacitors, such as small valued NPO
dielectric type capacitors, help filter out high frequency
noise and are good practice in any RF based circuit.
4.3
Output Capacitor
The MIC5252 requires an output capacitor for stability.
The design requires 1 μF or greater on the output to
maintain stability. The design is optimized for use with
low-ESR ceramic chip capacitors. High ESR capacitors
may cause high frequency oscillation. The maximum
recommended ESR is 300 mΩ. The output capacitor
can be increased, but performance has been optimized
for a 1 μF ceramic output capacitor and does not
improve significantly with larger capacitance.
X7R/X5R dielectric-type ceramic capacitors are
recommended
because
of
their
temperature
performance. X7R-type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change value by as much as
50% and 60%, respectively, over their operating
temperature ranges. To use a ceramic chip capacitor
with Y5V dielectric, the value must be much higher than
an X7R ceramic capacitor to ensure the same
minimum capacitance over the equivalent operating
temperature range.
4.4
Bypass Capacitor
A capacitor is required from the noise bypass pin to
ground to reduce output voltage noise. The capacitor
bypasses the internal reference. A 0.01 μF capacitor is
recommended for applications that require low-noise
outputs. The bypass capacitor can be increased,
further reducing noise and improving PSRR. Turn-on
time increases slightly with respect to bypass
capacitance. A unique quick-start circuit allows the
MIC5252 to drive a large capacitor on the bypass pin
without significantly slowing turn-on time. Refer to the
Typical Performance Curves section for performance
with different bypass capacitors.
4.5
Active Shutdown
The MIC5252 also features an active shutdown clamp,
which is an N-Channel MOSFET that turns on when the
device is disabled. This allows the output capacitor and
load to discharge, de-energizing the load.
4.6
No-Load Stability
The MIC5252 will remain stable and in regulation with
no load unlike many other voltage regulators. This is
especially important in CMOS RAM keep-alive
applications.
4.7
Thermal Considerations
The MIC5252 is designed to provide 150 mA of
continuous current in a very small package. Maximum
power dissipation can be calculated based on the
output current and the voltage drop across the part. To
determine the maximum power dissipation of the
package, use the junction-to-ambient thermal
resistance of the device and the following basic
equation:
EQUATION 4-1:
TJ(MAX) is the maximum junction temperature of the
die, 125°C, and TA is the ambient operating
temperature. θJA is layout-dependent; Table 4-1 shows
examples of junction-to-ambient thermal resistance for
the MIC5252.
TABLE 4-1:
SOT-23-5 THERMAL
RESISTANCE
The actual power dissipation of the regulator circuit can
be determined using the equation:
Package
θJA
Recommended
Minimum
Footprint
θJA 1”
Square
Copper
Clad
θJC
SOT-23-5
(M5 or
D5)
235°C/W
185°C/W
145°C/W
PD MAX
TJ MAX
TA
–
JA
--------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com