Electronic Components Datasheet Search
  English  ▼

X  

MIC5801 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC5801
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5801 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC5801 Datasheet HTML 14Page - Microchip Technology MIC5801 Datasheet HTML 15Page - Microchip Technology MIC5801 Datasheet HTML 16Page - Microchip Technology MIC5801 Datasheet HTML 17Page - Microchip Technology MIC5801 Datasheet HTML 18Page - Microchip Technology MIC5801 Datasheet HTML 19Page - Microchip Technology MIC5801 Datasheet HTML 20Page - Microchip Technology MIC5801 Datasheet HTML 21Page - Microchip Technology MIC5801 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006184B-page 19
MIC5800/1
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5800YM:
MIC5800, –40°C to +85°C
Temperature Range, 14-Lead
SOIC, 54/Tube
b) MIC5800YM-TR:
MIC5800, –40°C to +85°C
Temperature Range, 14-Lead
SOIC, 2,500/Reel
c) MIC5800YN:
MIC5800, –40°C to +85°C
Temperature Range, 14-Lead
PDIP, 25/Tube
d) MIC5801YV:
MIC5801, –40°C to +85°C
Temperature Range, 28-Lead
PLCC, 38/Tube
e) MIC5801YV-TR:
MIC5801, –40°C to +85°C
Temperature Range, 28-Lead
PLCC, 750/Reel
f) MIC5801YWM:
MIC5801, –40°C to +85°C
Temperature Range, 24-Lead
Wide SOIC, 31/Tube
g) MIC5801YWM-TR:
MIC5801, –40°C to +85°C
Temperature Range, 24-Lead
Wide SOIC, 1,000/Reel
Device:
MIC5800:
4-Bit Parallel-Input, High-Voltage, High-
Current Latched Driver
MIC5801:
8-Bit Parallel-Input, High-Voltage, High-
Current Latched Driver
Junction
Temperature
Range:
Y
=
–40°C to +85°C, Industrial
Package:
M
=
14-Lead SOIC (MIC5800)
N
=
14-Lead PDIP (MIC5800)
V
=
28-Lead PLCC (MIC5801)
WM =
24-Lead Wide SOIC (MIC5801)
Media Type:
<blank>= 54/Tube (M, MIC5800)
<blank>= 25/Tube (N, MIC5800)
<blank>= 38/Tube (V, MIC5801)
<blank>= 31/Tube (WM, MIC5801)
TR =
750/Reel (V, MIC5801)
TR =
1,000/Reel (WM, MIC5801)
TR =
2,500/Reel (M, MIC5800)
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
X
XX
-XX
Part No.
Junction Temp.
Range
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com