Electronic Components Datasheet Search
  English  ▼

X  

MIC5801 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5801
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5801 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5801 Datasheet HTML 1Page - Microchip Technology MIC5801 Datasheet HTML 2Page - Microchip Technology MIC5801 Datasheet HTML 3Page - Microchip Technology MIC5801 Datasheet HTML 4Page - Microchip Technology MIC5801 Datasheet HTML 5Page - Microchip Technology MIC5801 Datasheet HTML 6Page - Microchip Technology MIC5801 Datasheet HTML 7Page - Microchip Technology MIC5801 Datasheet HTML 8Page - Microchip Technology MIC5801 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006184B-page 3
MIC5800/1
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Output Voltage (VCE) ................................................................................................................................................+50V
Supply Voltage (VDD) ................................................................................................................................................+15V
Input Voltage Range (VIN).................................................................................................................–0.3V to VDD + 0.3V
Continuous Collector Current (IC) .........................................................................................................................500 mA
ESD Rating (Note 1) .................................................................................................................................. ESD Sensitive
Operating Ratings ††
Package Power Dissipation (PD)
MIC5800 SOIC..........................................................................................................................................................1.0W
Derate above TA = +25°C ................................................................................................................................8.5 mW/°C
MIC5801 PLCC.......................................................................................................................................................2.25W
Derate above TA = +25°C ..............................................................................................................................18.2 mW/°C
MIC5801 Wide SOIC ................................................................................................................................................1.4W
Derate above TA = +25°C .................................................................................................................................11 mW/°C
† Notice: Exceeding the absolute maximum ratings may damage the device.
†† Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Microchip CMOS devices have input-static protection, but are susceptible to damage when exposed to
extremely high static electrical charges.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VDD = 5V, TA = +25°C, VA ≤ +85°C unless otherwise noted. Note 1
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Output Leakage Current
ICEX
—
—
50
µA
VCE = 50V, TA = +25°C
—
—
100
VCE = 50V, TA = +70°C
Collector-Emitter
Saturation Voltage
VCE(SAT)
—
0.9
1.1
V
IC = 100 mA
—
1.1
1.3
IC = 200 mA
—
1.3
1.6
IC = 350 mA, VDD = 7.0V
Input Voltage (Low)
VIN(0)
—
—
1.0
V
—
Input Voltage (High)
VIN(1)
10.5
—
—
V
VDD = 12V
8.5
—
—
VDD = 10V
3.5
—
—
VDD = 5V, Note 2
Input Resistance
RIN
50
200
—
kΩ
VDD = 12V
50
300
—
VDD = 10V
50
600
—
VDD = 5V
Supply Current ON (Each
Stage)
IDD(ON)
—
1.0
2.0
mA
VDD = 12V, Outputs Open
—
0.9
1.7
VDD = 10V, Outputs Open
—
0.7
1.0
VDD = 5V, Outputs Open
Supply Current OFF
(Total)
IDD(OFF)
—
—
200
µA
VDD = 12V, Outputs Open, Inputs = 0V
—
50
100
VDD = 5V, Outputs Open, Inputs = 0V
Note 1: Specification for packaged product only.
2: Operation of these devices with standard TTL or DTL may require the use of appropriate pull-up resistors
to ensure a minimum logic “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com