Electronic Components Datasheet Search
  English  ▼

X  

MIC5801 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC5801
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5801 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC5801 Datasheet HTML 2Page - Microchip Technology MIC5801 Datasheet HTML 3Page - Microchip Technology MIC5801 Datasheet HTML 4Page - Microchip Technology MIC5801 Datasheet HTML 5Page - Microchip Technology MIC5801 Datasheet HTML 6Page - Microchip Technology MIC5801 Datasheet HTML 7Page - Microchip Technology MIC5801 Datasheet HTML 8Page - Microchip Technology MIC5801 Datasheet HTML 9Page - Microchip Technology MIC5801 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MIC5800/1
DS20006184B-page 6
2019 - 2022 Microchip Technology Inc.
3.0
TIMING
FIGURE 3-1:
Timing Diagram.
TABLE 3-1:
TIMING CONDITIONS
Characteristics: TA = +25°C; Logic levels are VDD and Ground; VDD = 5V.
Condition
Min.
Typ.
Max.
A. Minimum data active time before strobe enabled (data set-up time)
50 ns
—
—
B. Minimum data active time after strobe disabled (data hold time)
50 ns
—
—
C. Minimum strobe pulse width
125 ns
—
—
D. Typical time between strobe activation and output on to off transition
—
500 ns
—
E. Typical time between strobe activation and output off to on transition
—
500 ns
—
F. Minimum clear pulse width
300 ns
—
—
G. Minimum data pulse width
225 ns
—
—
CLEAR
F
STROBE
OUTPUT
ENABLE
IN
N
C
B
A
G
E
C
B
A
G
D
C
B
E
OUT
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com