Electronic Components Datasheet Search
  English  ▼

X  

LTC3310 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3310
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3310 Datasheet(HTML) 4 Page - Analog Devices

  LTC3310 Datasheet HTML 1Page - Analog Devices LTC3310 Datasheet HTML 2Page - Analog Devices LTC3310 Datasheet HTML 3Page - Analog Devices LTC3310 Datasheet HTML 4Page - Analog Devices LTC3310 Datasheet HTML 5Page - Analog Devices LTC3310 Datasheet HTML 6Page - Analog Devices LTC3310 Datasheet HTML 7Page - Analog Devices LTC3310 Datasheet HTML 8Page - Analog Devices LTC3310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC3312SA
4
Rev. 0
For more information www.analog.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Temp Monitor Slope
4
mV/°C
Oscillator and MODE/SYNC
Default Oscillator Frequency
RT = AVIN
l
1.85
2
2.15
MHz
Oscillator Frequency
RT = 34.8kΩ to AGND
l
1.9
2
2.1
MHz
Frequency Range
RT-Programming and Synchronization
l
1
3
MHz
Minimum SYNC High or Low Pulse Width
l
40
ns
SYNC Level High on MODE/SYNC
SYNC Level Low on MODE/SYNC
l
l
1.2
0.4
V
V
MODE/SYNC No Clock Detect Time
l
10
μs
MODE/SYNC Pin Threshold
For Programming Pulse-Skipping Mode
For Programming Burst Mode Operation
l
VIN – 0.1
0.1
V
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, unless otherwise noted. PVIN = PVIN1 = PVIN2
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect the device
reliability and lifetime.
Note 2: The LTC3312SA is tested under pulsed load conditions such that
TJ = TA. The LTC3312SA is guaranteed to meet performance specifications
from –40°C to 125°C junction temperature. High junction temperatures
degrade operating lifetimes; operating lifetime is derated for junction
temperatures above 125°C. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance, and other environmental factors. The junction temperature
(TJ in °C) is calculated from ambient temperature (TA in °C) and power
dissipation (PD in Watts) according to the formula: TJ = TA + (PD • θJA),
where θJA (in °C/W) is the package thermal impedance. See the High
Temperature Considerations section for more details.
The LTC3312SA includes overtemperature protection that protects the
device during momentary overload conditions. Junction temperatures will
exceed 150°C when overtemperature protection is engaged. Continuous
operation above the specified maximum operating junction temperature
may impair device reliability.
Note 3: Supply current specification does not include switching currents.
Actual supply currents will be higher.
Note 4: Overtemperature shutdown in not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com